Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4643 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4643
Description  Stereo CODEC with MIC/HP/RCV/SPK-AMP
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4643 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4643 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4643 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4643 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4643 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4643 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4643 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4643 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4643 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4643 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 104 page
background image
ASAHI KASEI
[AK4643]
MS0476-E-01
2006/10
- 6 -
Handling of Unused Pin
The unused I/O pins should be processed appropriately as below.
Classification
Pin Name
Setting
Analog
MPWR, VCOC/RIN3, SPN, SPP, HPR, HPL,
MUTET, ROUT/RCN, LOUT/RCP, MIN/LIN3,
RIN2/IN2
−, LIN2/IN2+, LIN1/IN1−, RIN1/IN1+
These pins should be open.
MCKO
This pin should be open.
Digital
MCKI
This pin should be connected to DVSS.
ABSOLUTE MAXIMUM RATINGS
(AVSS, DVSS, HVSS=0V; Note 3)
Parameter
Symbol
min
max
Units
Power Supplies:
Analog
AVDD
−0.3
6.0
V
Digital
DVDD
−0.3
6.0
V
Headphone-Amp / Speaker-Amp
HVDD
−0.3
6.0
V
|AVSS – DVSS| (Note 4)
∆GND1
-
0.3
V
|AVSS – HVSS| (Note 4)
∆GND2
-
0.3
V
Input Current, Any Pin Except Supplies
IIN
-
±10
mA
Analog Input Voltage (Note 5)
VINA
−0.3
AVDD+0.3
V
Digital Input Voltage (Note 6)
VIND
−0.3
DVDD+0.3
V
Ambient Temperature (powered applied)
Ta
−30
85
°C
Storage Temperature
Tstg
−65
150
°C
Maximum Power Dissipation
Ta=85
°C (Note 8)
Pd1
-
750
mW
(Note 7)
Ta=70
°C (Note 9)
Pd2
-
1000
mW
Note 3. All voltages with respect to ground.
Note 4. AVSS, DVSS and HVSS must be connected to the same analog ground plane.
Note 5. I2C, MIN/LIN3, RIN3, RIN2/IN2
−, LIN2/IN2+, LIN1/IN1−, RIN1/IN1+ pins
Note 6. PDN, CSN/CAD0, CCLK/SCL, CDTI/SDA, SDTI, LRCK, BICK, MCKI pins
Pull-up resistors at SDA and SCL pins should be connected to (DVDD+0.3)V or less voltage.
Note 7. In case that the exposed pad is connected to the ground and PCB wiring density is 100%. If the exposed pad is
open, Pd1=400mW(max: Speaker-Amp is not available.) and Pd2=550mW(max: Speaker-Amp is available at
HVDD=2.6
∼3.6V.). This power is the AK4643 internal dissipation that does not include power of externally
connected speaker and headphone.
Note 8. Speaker-Amp is available at HVDD=2.6
∼3.6V.
Note 9. Speaker-Amp is available at HVDD=2.6
∼5.25V.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.


Similar Part No. - AK4643

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4643 AKM-AK4643 Datasheet
766Kb / 40P
   Stereo CODEC with built-in MIC/HP/RCV/SPK amplifier
More results

Similar Description - AK4643

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4675 AKM-AK4675 Datasheet
2Mb / 178P
   Stereo CODEC with MIC/RCV/HP/SPK-AMP
AK4644 AKM-AK4644 Datasheet
805Kb / 96P
   Stereo CODEC with MIC/HP/RCV-AMP
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4671 AKM-AK4671 Datasheet
1Mb / 164P
   Stereo CODEC with MIC/RCV/HP-AMP
AK4671 AKM-AK4671_10 Datasheet
1Mb / 166P
   Stereo CODEC with MIC/RCV/HP-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AKD4643-B AKM-AKD4643-B Datasheet
766Kb / 40P
   Stereo CODEC with built-in MIC/HP/RCV/SPK amplifier
AK4679EG AKM-AK4679EG Datasheet
2Mb / 220P
   24bit Stereo CODEC with DSP and MIC/RCV/HP/SPK/LINE-AMP
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4954AEN AKM-AK4954AEN Datasheet
569Kb / 26P
   32bit Stereo CODEC with MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com