Electronic Components Datasheet Search |
|
SNJ54HC21W Datasheet(PDF) 2 Page - Texas Instruments |
|
SNJ54HC21W Datasheet(HTML) 2 Page - Texas Instruments |
2 / 16 page SN54HC21, SN74HC21 DUAL 4INPUT POSITIVEAND GATES SCLS087E − DECEMBER 1982 − REVISED AUGUST 2003 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 FUNCTION TABLE (each gate) INPUTS OUTPUT A B C D OUTPUT Y H H H H H L XX X L X LX X L X XL X L X X X L L logic diagram (positive logic) 1A 1Y 1B 1C 1D 2A 2Y 2B 2C 2D 1 2 4 5 9 10 12 13 68 Pin numbers shown are for the D, J, N, NS, PW, and W packages. absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0 or VI > VCC) (see Note 1) ±20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0 or VO > VCC) (see Note 1) ±20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous output current, IO (VO = 0 to VCC) ±25 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous current through VCC or GND ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2): D package 86 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . N package 80 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . NS package 76 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PW package 113 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. The package thermal impedance is calculated in accordance with JESD 51-7. |
Similar Part No. - SNJ54HC21W |
|
Similar Description - SNJ54HC21W |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |