Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4644EN Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK4644EN
Description  Stereo CODEC with MIC/HP/RCV-AMP
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4644EN Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK4644EN Datasheet HTML 1Page - Asahi Kasei Microsystems AK4644EN Datasheet HTML 2Page - Asahi Kasei Microsystems AK4644EN Datasheet HTML 3Page - Asahi Kasei Microsystems AK4644EN Datasheet HTML 4Page - Asahi Kasei Microsystems AK4644EN Datasheet HTML 5Page - Asahi Kasei Microsystems AK4644EN Datasheet HTML 6Page - Asahi Kasei Microsystems AK4644EN Datasheet HTML 7Page - Asahi Kasei Microsystems AK4644EN Datasheet HTML 8Page - Asahi Kasei Microsystems AK4644EN Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 96 page
background image
ASAHI KASEI
[AK4644]
MS0477-E-01
2006/10
- 2 -
6. Sampling Rate:
• PLL Slave Mode (LRCK pin): 7.35kHz ∼ 48kHz
• PLL Slave Mode (BICK pin): 7.35kHz ∼ 48kHz
• PLL Slave Mode (MCKI pin):
8kHz, 11.025kHz, 12kHz, 16kHz, 22.05kHz, 24kHz, 32kHz, 44.1kHz, 48kHz
• PLL Master Mode:
8kHz, 11.025kHz, 12kHz, 16kHz, 22.05kHz, 24kHz, 32kHz, 44.1kHz, 48kHz
• EXT Master/Slave Mode:
7.35kHz
∼ 48kHz (256fs), 7.35kHz ∼ 26kHz (512fs), 7.35kHz ∼ 13kHz (1024fs)
7.
µP I/F: 3-wire Serial, I2C Bus (Ver 1.0, 400kHz High Speed Mode)
8. Master/Slave mode
9. Audio Interface Format: MSB First, 2’s complement
• ADC : 16bit MSB justified, I2S, DSP Mode
• DAC : 16bit MSB justified, 16bit LSB justified, 16-24bit I2S, DSP Mode
10. Ta =
−30 ∼ 85°C
11. Power Supply:
• AVDD, DVDD: 2.6 ∼ 3.6V (typ. 3.3V)
• HVDD: 2.6 ∼ 5.25V (typ. 3.3V/5.0V)
12. Package: 32pin QFN (5mm x 5mm, 0.5mm pitch)
13. Pin/Register Compatible with AK4642EN
Block Diagram
MIC Power
Supply
MIC-Amp
A/D
Wind-Noise
Reduction
Stereo
Separation
HPF
PMADL or PMMICL
PMADR or PMMICR
PMADL or PMADR
Audio
I/F
D/A
DATT
SMUTE
PMDAC
PMHPL
PMHPR
Internal
MIC
External
MIC
Line In
Stereo Line Out
or
Mono Receiver
Headphone
ALC
Bass
Boost
PLL
PMPLL
Control
Register
MPWR
LIN1
RIN1
LIN2
RIN2
HPL
HPR
MUTET
HVDD
HVSS
AVDD
AVSS
VCOM
DVDD
CSN
PDN
CCLK
CDTI
BICK
LRCK
SDTO
SDTI
MCKO
MCKI
VCOC
PMLO
LOUT/RCP
ROUT/RCN
ALC
DVSS
Stereo
Separation
HPF
I2C
LIN3/MIN
RIN3/VCOC
PMMP
PMAINR2
PMAINL2
PMAINR3
PMAINL3
Figure 1. Block Diagram


Similar Part No. - AK4644EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4644 AKM-AK4644 Datasheet
1Mb / 40P
   Stereo CODEC with built-in MIC/HP/RCV amplifier
More results

Similar Description - AK4644EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4671 AKM-AK4671 Datasheet
1Mb / 164P
   Stereo CODEC with MIC/RCV/HP-AMP
AK4671 AKM-AK4671_10 Datasheet
1Mb / 166P
   Stereo CODEC with MIC/RCV/HP-AMP
AK4643 AKM-AK4643 Datasheet
899Kb / 104P
   Stereo CODEC with MIC/HP/RCV/SPK-AMP
AK4675 AKM-AK4675 Datasheet
2Mb / 178P
   Stereo CODEC with MIC/RCV/HP/SPK-AMP
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645EZ AKM-AK4645EZ Datasheet
968Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645AEZ AKM-AK4645AEZ Datasheet
918Kb / 85P
   Stereo CODEC with MIC/HP-AMP
AK4647 AKM-AK4647 Datasheet
547Kb / 72P
   Stereo CODEC with MIC/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com