Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4645EZ Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK4645EZ
Description  Stereo CODEC with MIC/HP-AMP
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4645EZ Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK4645EZ Datasheet HTML 6Page - Asahi Kasei Microsystems AK4645EZ Datasheet HTML 7Page - Asahi Kasei Microsystems AK4645EZ Datasheet HTML 8Page - Asahi Kasei Microsystems AK4645EZ Datasheet HTML 9Page - Asahi Kasei Microsystems AK4645EZ Datasheet HTML 10Page - Asahi Kasei Microsystems AK4645EZ Datasheet HTML 11Page - Asahi Kasei Microsystems AK4645EZ Datasheet HTML 12Page - Asahi Kasei Microsystems AK4645EZ Datasheet HTML 13Page - Asahi Kasei Microsystems AK4645EZ Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
[AK4645EZ]
MS0605-E-00
2007/06
- 10 -
Parameter
min
typ
max
Units
Mono Input: MIN pin (AIN3 bit = “0”; External Input Resistance=20k
Ω)
Maximum Input Voltage (Note 18)
-
1.98
-
Vpp
Gain (Note 19)
MIN
LOUT/ROUT
LOVL bit = “0”
−4.5
0
+4.5
dB
LOVL bit = “1”
-
+2
-
dB
MIN
HPL/HPR
HPG bit = “0”
−24.5
−20
−15.5
dB
HPG bit = “1”
-
−16.4
-
dB
Stereo Input: LIN2/RIN2/LIN4/RIN4 pins; LIN3/RIN3 pins (AIN3 bit = “1”)
Maximum Input Voltage (Note 20)
-
1.98
-
Vpp
Gain
LIN/RIN
LOUT/ROUT
LOVL bit = “0”
−4.5
0
+4.5
dB
LOVL bit = “1”
-
+2
-
dB
LIN/RIN
HPL/HPR
HPG bit = “0”
−4.5
0
+4.5
dB
HPG bit = “1”
-
+3.6
-
dB
Full-differential Mono Input: IN4+/
− pins (L4DIF bit = “1”)
Maximum Input Voltage (Note 21)
-
3.96
-
Vpp
Gain
IN4+/
LOUT/ROUT
LOVL bit = “0”
−10.5
−6
−1.5
dB
(LODIF bit = “0”)
LOVL bit = “1”
-
−4
-
dB
IN4+/
LOP/LON
LOVL bit = “0”
−4.5
0
+4.5
dB
(LODIF bit = “1”, Note 22)
LOVL bit = “1”
-
+2
-
dB
IN4+/
HPL/HPR
HPG bit = “0”
−10.5
−6
−1.5
dB
HPG bit = “1”
-
−2.4
-
dB
Power Supplies:
Power-Up (PDN pin = “H”)
All Circuit Power-up:
AVDD+DVDD+TVDD (Note 23)
-
16
24
mA
HVDD: HP-Amp Normal Operation
No Output (Note 24)
-
5
8
mA
Power-Down (PDN pin = “L”) (Note 25)
AVDD+DVDD+TVDD+HVDD
-
1
100
μA
Note 18. Maximum voltage is in proportion to both AVDD and external input resistance (Rin). Vin = 0.6 x AVDD x Rin
/ 20k
Ω (typ).
Note 19. The gain is in inverse proportion to external input resistance.
Note 20. Maximum Input voltage is proportional to AVDD voltage. Vout = 0.6 x AVDD (typ).
Note 21. Maximum Input voltage is proportional to AVDD voltage. Vout = (IN4+)
− (IN4−) = 1.2 x AVDD (typ). The
signals with same amplitude and inverted phase should be input to IN4+ and IN4
− pins, respectively.
Note 22. Vout = (LOP)
− (LON) at LODIF bit = “1”.
Note 23. PLL Master Mode (MCKI=12.288MHz) and PMADL = PMADR = PMDAC = PMLO = PMHPL = PMHPR =
PMVCM = PMPLL = MCKO = PMMIN = PMMP = M/S bits = “1”. MPWR pin outputs 0mA.
AVDD=11mA(typ), DVDD=3mA(typ), TVDD=2mA(typ).
EXT Slave Mode (PMPLL = M/S = MCKO bits = “0”): AVDD=10mA(typ), DVDD=3mA(typ),
TVDD=0.03mA(typ).
Note 24. PMADL = PMADR = PMDAC = PMLO = PMHPL = PMHPR = PMVCM = PMPLL = PMMIN bits = “1”.
Note 25. All digital input pins are fixed to TVDD or HVSS.


Similar Part No. - AK4645EZ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
   Stereo CODEC with MIC/HP-AMP
More results

Similar Description - AK4645EZ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645AEZ AKM-AK4645AEZ Datasheet
918Kb / 85P
   Stereo CODEC with MIC/HP-AMP
AK4647 AKM-AK4647 Datasheet
547Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4644 AKM-AK4644 Datasheet
805Kb / 96P
   Stereo CODEC with MIC/HP/RCV-AMP
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4671 AKM-AK4671_10 Datasheet
1Mb / 166P
   Stereo CODEC with MIC/RCV/HP-AMP
AK4671 AKM-AK4671 Datasheet
1Mb / 164P
   Stereo CODEC with MIC/RCV/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com