Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD611616 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CD611616
Description  POW-R-BLOK Dual & Single Diode Isolated Module 160 Amperes / Up to 1600 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD611616 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CD611616 Datasheet HTML 1Page - Powerex Power Semiconductors CD611616 Datasheet HTML 2Page - Powerex Power Semiconductors CD611616 Datasheet HTML 3Page - Powerex Power Semiconductors CD611616 Datasheet HTML 4Page - Powerex Power Semiconductors CD611616 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual & Single Diode Isolated Module
160 Amperes / Up to 1600 Volts
Revision Date: 12/04/2002
CD61__16A, CS61__16A
CN61__16A, CC61__16A
Electrical Characteristics, TJ=25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Max.
Units
Repetitive Peak Reverse Leakage Current
IRRM
Up to 1600V, TJ=150°C
20
mA
Peak On-State Voltage
VFM
IFM=520A, 180 Deg Conduction
1.43
V
Threshold Voltage, Low-level
Slope Resistance, Low-level
V(TO)1
rT1
TJ = 150°C, I = 16.7%πIF(AV) to πIF(AV)
0.73
1.5
V
mΩ
Threshold Voltage, High-level
Slope Resistance, High-level
V(TO)2
rT2
TJ = 150°C, I = πIF(AV) to IFSM
0.88
1.26
V
mΩ
VTM Coefficients, Full Range
TJ = 150°C, I = 15%IF(AV) to IFSM
VFM = A+ B Ln I +C I + D Sqrt I
A =
B =
C =
D =
0.563
0.0392
1.31 E-3
-8.25 E-5
Thermal Characteristics
Characteristics
Symbol
Max.
Units
Thermal Resistance, Junction to Case
RΘJ-C
Per Module, both conducting
Per Junction both conducting
0.1
0.2
°C/W
°C/W
Thermal Impedance Coefficients
ZΘJ-C
ZΘJ-C= K1 (1-exp(-t/τ 1))
+ K2 (1-exp(-t/τ 2))
+ K3 (1-exp(-t/τ 3))
+ K4 (1-exp(-t/τ 4))
K1 = 1.84E-2
K2 = 4.68E-2
K3 = 8.25E-2
K4 = 5.23E-2
τ 1 = 2.53E-6
τ 2 = 6.44E-2
τ 3 = 3.11E-1
τ 4 = 1.32
Thermal Resistance, Case to Sink Lubricated
RΘC-S
Per Module
0.05
°C/W


Similar Part No. - CD611616

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
CD611616C PAM-CD611616C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CD611616C PAM-CD611616C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CD611616C PAM-CD611616C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CD611616C PAM-CD611616C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
More results

Similar Description - CD611616

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CD41 POWEREX-CD41 Datasheet
105Kb / 4P
   POW-R-BLOK Dual & Single Diode Isolated Module 100 Amperes / Up to 1600 Volts
CD4290 POWEREX-CD4290 Datasheet
103Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
LD4750 POWEREX-LD4750 Datasheet
102Kb / 5P
   POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
ND4225 POWEREX-ND4225 Datasheet
107Kb / 5P
   POW-R-BLOK Dual SCR/Diode Isolated Module (250 Amperes / Up to 1600 Volts)
CD6215A POWEREX-CD6215A Datasheet
111Kb / 5P
   POW-R-BLOK Dual SCR/Diode Isolated Module 150 Amperes / Up to 1600 Volts
CD42 POWEREX-CD42 Datasheet
106Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 40 Amperes / Up to 1600 Volts
CD4290A POWEREX-CD4290A Datasheet
106Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
CD4390A POWEREX-CD4390A Datasheet
101Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1600 Volts
CD4260A POWEREX-CD4260A Datasheet
106Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 60 Amperes / Up to 1600 Volts
LD4250 POWEREX-LD4250 Datasheet
102Kb / 5P
   POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com