Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC21PWTG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74HC21PWTG4
Description  DUAL 4-INPUT POSITIVE-AND GATES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC21PWTG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74HC21PWTG4 Datasheet HTML 1Page - Texas Instruments SN74HC21PWTG4 Datasheet HTML 2Page - Texas Instruments SN74HC21PWTG4 Datasheet HTML 3Page - Texas Instruments SN74HC21PWTG4 Datasheet HTML 4Page - Texas Instruments SN74HC21PWTG4 Datasheet HTML 5Page - Texas Instruments SN74HC21PWTG4 Datasheet HTML 6Page - Texas Instruments SN74HC21PWTG4 Datasheet HTML 7Page - Texas Instruments SN74HC21PWTG4 Datasheet HTML 8Page - Texas Instruments SN74HC21PWTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SN54HC21, SN74HC21
DUAL 4INPUT POSITIVEAND GATES
SCLS087E − DECEMBER 1982 − REVISED AUGUST 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORM
INPUT RISE AND FALL TIMES
50%
50%
10%
10%
90%
90%
VCC
0 V
tr
tf
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT TRANSITION TIMES
50%
50%
50%
10%
10%
90%
90%
VCC
VOH
VOL
0 V
tr
tf
Input
In-Phase
Output
50%
tPLH
tPHL
50%
50%
10%
10%
90%
90%
VOH
VOL
tr
tf
tPHL
tPLH
Out-of-Phase
Output
Test
Point
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
NOTES: A. CL includes probe and test-fixture capacitance.
B. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following
characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
C. The outputs are measured one at a time with one input transition per measurement.
D. tPLH and tPHL are the same as tpd.
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN74HC21PWTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC21PWT TI-SN74HC21PWT Datasheet
425Kb / 14P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN74HC21PWT TI-SN74HC21PWT Datasheet
609Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN74HC21PWTE4 TI-SN74HC21PWTE4 Datasheet
425Kb / 14P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
More results

Similar Description - SN74HC21PWTG4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD74LS21 ETC1-GD74LS21 Datasheet
96Kb / 2P
   DUAL 4-INPUT POSITIVE AND GATES
logo
Renesas Technology Corp
HD74LS21 RENESAS-HD74LS21 Datasheet
55Kb / 5P
   Dual 4-input Positive AND Gates
logo
Hitachi Semiconductor
HD74LV21A HITACHI-HD74LV21A Datasheet
54Kb / 12P
   Dual 4-input Positive AND Gates
logo
Texas Instruments
SN54LS21 TI1-SN54LS21_15 Datasheet
840Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54ALS21A TI1-SN54ALS21A_18 Datasheet
1Mb / 17P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54LS21 TI-SN54LS21 Datasheet
509Kb / 12P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54F21 TI-SN54F21 Datasheet
67Kb / 5P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54LV21A TI-SN54LV21A_04 Datasheet
318Kb / 11P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54F21 TI1-SN54F21_12 Datasheet
388Kb / 6P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LV21A RENESAS-HD74LV21A Datasheet
70Kb / 9P
   Dual 4-input Positive AND Gates
logo
Texas Instruments
54AC11021 TI-54AC11021 Datasheet
64Kb / 5P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com