Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2455CPWRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV2455CPWRG4
Description  FAMILY OF 23-uA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2455CPWRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV2455CPWRG4 Datasheet HTML 4Page - Texas Instruments TLV2455CPWRG4 Datasheet HTML 5Page - Texas Instruments TLV2455CPWRG4 Datasheet HTML 6Page - Texas Instruments TLV2455CPWRG4 Datasheet HTML 7Page - Texas Instruments TLV2455CPWRG4 Datasheet HTML 8Page - Texas Instruments TLV2455CPWRG4 Datasheet HTML 9Page - Texas Instruments TLV2455CPWRG4 Datasheet HTML 10Page - Texas Instruments TLV2455CPWRG4 Datasheet HTML 11Page - Texas Instruments TLV2455CPWRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
TLV2450, TLV2451, TLV2452, TLV2453, TLV2454, TLV2455, TLV245xA
FAMILY OF 23 µA 220kHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS218F − DECEMBER 1998 − REVISED JANUARY 2005
8
WWW.TI.COM
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
operating characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VO(PP) = 2 V,
CL = 150 pF,
25
°C
0.05
0.11
V/ s
SR
Slew rate at unity gain
VO(PP) = 2 V,
RL = 10 kΩ
CL = 150 pF,
Full range
0.02
V/
µs
Vn
Equivalent input noise voltage
f = 100 Hz
25
°C
49
nV/
√Hz
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
52
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
25
°C
3.5
pA /
√Hz
VO(PP) = 3 V,
AV = 1
0.02%
THD + N
Total harmonic distortion plus noise
VO(PP) = 3 V,
RL = 10 kΩ,
f = 1 kHz
AV = 10
25
°C
0.18%
THD + N
Total harmonic distortion plus noise
RL = 10 kΩ,
f = 1 kHz
AV = 100
25 C
0.9%
t(on)
Amplifier turnon time
AV = 5,
RL = OPEN,
25
°C
59
µs
t(off)
Amplifier turnoff time
AV = 5,
RL = OPEN,
Measured at 50% point
25
°C
836
ns
Gain-bandwidth product
f = 10 kHz,
RL = 10 kΩ
25
°C
220
kHz
V(STEP)PP = 2 V,
AV = −1,
0.1%
24
ts
Settling time
AV = −1,
CL = 10 pF,
RL = 10 kΩ
0.01%
25
°C
30
s
ts
Settling time
V(STEP)PP = 2 V,
AV = −1,
0.1%
25
°C
25
µs
AV = −1,
CL = 56 pF,
RL = 10 kΩ
0.01%
30
φm
Phase margin
RL = 10 kΩ,
CL = 1000 pF
25
°C
56
°
Gain margin
RL = 10 kΩ,
CL = 1000 pF
25
°C
7
dB
† Full range is 0°C to 70°C for C suffix and −40°C to 125°C for I suffix.


Similar Part No. - TLV2455CPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2455CPWRG4 TI-TLV2455CPWRG4 Datasheet
1Mb / 47P
[Old version datasheet]   FAMILY OF 23-mA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2455CPWRG4 TI-TLV2455CPWRG4 Datasheet
1Mb / 50P
[Old version datasheet]   FAMLY OF 23-A 220-KHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2455CPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2455A TI-TLV2455A Datasheet
1Mb / 45P
[Old version datasheet]   FAMILY OF 23-UA 220-KHZ RAIL TO RAIL INPUT/ OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2450 TI1-TLV2450_16 Datasheet
1Mb / 60P
[Old version datasheet]   FAMILY OF 23-muA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2450 TI-TLV2450 Datasheet
1Mb / 47P
[Old version datasheet]   FAMILY OF 23-mA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2450 TI-TLV2450_08 Datasheet
1Mb / 50P
[Old version datasheet]   FAMLY OF 23-A 220-KHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370_05 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460_07 Datasheet
1Mb / 58P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460A-Q1 TI-TLV2460A-Q1 Datasheet
692Kb / 33P
[Old version datasheet]   FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI1-TLV2460_16 Datasheet
2Mb / 71P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com