Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2455IPWG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV2455IPWG4
Description  FAMILY OF 23-uA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2455IPWG4 Datasheet(HTML) 4 Page - Texas Instruments

  TLV2455IPWG4 Datasheet HTML 1Page - Texas Instruments TLV2455IPWG4 Datasheet HTML 2Page - Texas Instruments TLV2455IPWG4 Datasheet HTML 3Page - Texas Instruments TLV2455IPWG4 Datasheet HTML 4Page - Texas Instruments TLV2455IPWG4 Datasheet HTML 5Page - Texas Instruments TLV2455IPWG4 Datasheet HTML 6Page - Texas Instruments TLV2455IPWG4 Datasheet HTML 7Page - Texas Instruments TLV2455IPWG4 Datasheet HTML 8Page - Texas Instruments TLV2455IPWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
TLV2450, TLV2451, TLV2452, TLV2453, TLV2454, TLV2455, TLV245xA
FAMILY OF 23 µA 220kHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS218F − DECEMBER 1998 − REVISED JANUARY 2005
4
WWW.TI.COM
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VDD (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID
±VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: C suffix
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I suffix
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE: All voltage values, except differential voltages, are with respect to GND.
DISSIPATION RATING TABLE
PACKAGE
θJC
(
°C/W)
θJA
(
°C/W)
TA ≤ 25°C
POWER RATING
D (8)
38.3
176
710 mW
D (14)
26.9
122.3
1022 mW
D (16)
25.7
114.7
1090 mW
DBV (5)
55
324.1
385 mW
DBV (6)
55
294.3
425 mW
DGK (8)
54.2
259.9
481 mW
DGS (10)
54.1
257.7
485 mW
N (14, 16)
32
78
1600 mW
P (8)
41
104
1200 mW
PW (14)
29.3
173.6
720 mW
PW (16)
28.7
161.4
774 mW
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD
Single supply
2.7
6
V
Supply voltage, VDD
Split supply
±1.35
±3
V
Common-mode input voltage range, VICR
0
VDD
V
Operating free-air temperature, TA
C-suffix
0
70
°C
Operating free-air temperature, TA
I-suffix
−40
125
°C
VIH
2
V
Shutdown on/off voltage level‡
VIL
VDD = 5V
0.8
V
Shutdown on/off voltage level
VIL
VDD = 3V
0.5
V
‡ Relative to voltage on the GND terminal of the device.


Similar Part No. - TLV2455IPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2455IPWG4 TI-TLV2455IPWG4 Datasheet
1Mb / 47P
[Old version datasheet]   FAMILY OF 23-mA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2455IPWG4 TI-TLV2455IPWG4 Datasheet
1Mb / 50P
[Old version datasheet]   FAMLY OF 23-A 220-KHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2455IPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2455A TI-TLV2455A Datasheet
1Mb / 45P
[Old version datasheet]   FAMILY OF 23-UA 220-KHZ RAIL TO RAIL INPUT/ OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2450 TI1-TLV2450_16 Datasheet
1Mb / 60P
[Old version datasheet]   FAMILY OF 23-muA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2450 TI-TLV2450 Datasheet
1Mb / 47P
[Old version datasheet]   FAMILY OF 23-mA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2450 TI-TLV2450_08 Datasheet
1Mb / 50P
[Old version datasheet]   FAMLY OF 23-A 220-KHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370_05 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460_07 Datasheet
1Mb / 58P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460A-Q1 TI-TLV2460A-Q1 Datasheet
692Kb / 33P
[Old version datasheet]   FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI1-TLV2460_16 Datasheet
2Mb / 71P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com