Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2455IPWG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV2455IPWG4
Description  FAMILY OF 23-uA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2455IPWG4 Datasheet(HTML) 5 Page - Texas Instruments

  TLV2455IPWG4 Datasheet HTML 1Page - Texas Instruments TLV2455IPWG4 Datasheet HTML 2Page - Texas Instruments TLV2455IPWG4 Datasheet HTML 3Page - Texas Instruments TLV2455IPWG4 Datasheet HTML 4Page - Texas Instruments TLV2455IPWG4 Datasheet HTML 5Page - Texas Instruments TLV2455IPWG4 Datasheet HTML 6Page - Texas Instruments TLV2455IPWG4 Datasheet HTML 7Page - Texas Instruments TLV2455IPWG4 Datasheet HTML 8Page - Texas Instruments TLV2455IPWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
TLV2450, TLV2451, TLV2452, TLV2453, TLV2454, TLV2455, TLV245xA
FAMILY OF 23 µA 220kHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS218F − DECEMBER 1998 − REVISED JANUARY 2005
5
WWW.TI.COM
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics at specified free-air temperature, VDD = 3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
TLV245x
25
°C
300
1500
VIO
Input offset voltage
TLV245x
Full range
2000
V
VIO
Input offset voltage
TLV245xA
25
°C
300
1000
µV
TLV245xA
Full range
1300
VIO
Temperature coefficient of input
VDD = ±1.5 V
VO = 0,
0.3
V/
°C
αVIO
Temperature coefficient of input
offset voltage
VDD = ±1.5 V
VIC = 0,
VO = 0,
RS = 50 Ω
0.3
µV/°C
IIO
Input offset current
VIC = 0,
RS = 50
25
°C
0.3
4.5
nA
IIO
Input offset current
Full range
5.5
nA
IIB
Input bias current
25
°C
0.9
5
nA
IIB
Input bias current
Full range
7
nA
VOH
High-level output voltage
VIC = 1.5 V,
IOH = − 500 A
25
°C
2.85
2.95
V
VOH
High-level output voltage
VIC = 1.5 V,
IOH = − 500 µA
Full range
2.83
V
VOL
Low-level output voltage
VIC = 1.5 V,
IOL = 500 A
25
°C
0.09
0.16
V
VOL
Low-level output voltage
VIC = 1.5 V,
IOL = 500 µA
Full range
0.2
V
Sourcing
25
°C
4
12
IOS
Short-circuit output current
Sourcing
Full range
3
mA
IOS
Short-circuit output current
Sinking
25
°C
2
7
mA
Sinking
Full range
1
IO
Output current
VO = 0.5 V from rail
25
°C
±4
mA
AVD
Large-signal differential voltage
VO(PP) = 1 V,
RL = 10 kΩ
25
°C
96
110
dB
AVD
Large-signal differential voltage
amplification
VO(PP) = 1 V,
RL = 10 kΩ
Full range
91
dB
ri(d)
Differential input resistance
25
°C
109
CIC
Common-mode input
capacitance
f = 10 kHz
25
°C
4.5
pF
zo
Closed-loop output impedance
f = 10 kHz,
AV = 10
25
°C
80
CMRR
Common-mode rejection ratio
VIC = 0 to 3 V,
25
°C
70
80
dB
CMRR
Common-mode rejection ratio
VIC = 0 to 3 V,
RS = 50 Ω
TLV245xC
Full range
66
dB
VDD = 2.7 V to 6 V,
VIC = VDD /2,
25
°C
76
89
kSVR
Supply voltage rejection ratio
VDD = 2.7 V to 6 V,
No load
VIC = VDD /2,
Full range
74
dB
kSVR
Supply voltage rejection ratio
(
∆VDD /∆VIO)
VDD = 3 V to 5 V,
VIC = VDD /2,
25
°C
88
106
dB
( VDD / VIO)
VDD = 3 V to 5 V,
No load
VIC = VDD /2,
Full range
84
25
°C
23
35
IDD
Supply current (per channel)
VO = 1.5 V, No load
TLV245xC
Full range
40
µA
IDD
Supply current (per channel)
VO = 1.5 V, No load
TLV245xI
Full range
45
µA
Supply current in shutdown
25
°C
12
65
IDD(SHDN)
Supply current in shutdown
mode (TLV2450, TLV2453,
TLV2455) (per channel)
SHDN = −VDD
TLV245xC
Full range
70
nA
IDD(SHDN) mode (TLV2450, TLV2453,
TLV2455) (per channel)
SHDN = −VDD
TLV245xI
Full range
80
nA
† Full range is 0°C to 70°C for C suffix and −40°C to 125°C for I suffix.


Similar Part No. - TLV2455IPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2455IPWG4 TI-TLV2455IPWG4 Datasheet
1Mb / 47P
[Old version datasheet]   FAMILY OF 23-mA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2455IPWG4 TI-TLV2455IPWG4 Datasheet
1Mb / 50P
[Old version datasheet]   FAMLY OF 23-A 220-KHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2455IPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2455A TI-TLV2455A Datasheet
1Mb / 45P
[Old version datasheet]   FAMILY OF 23-UA 220-KHZ RAIL TO RAIL INPUT/ OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2450 TI1-TLV2450_16 Datasheet
1Mb / 60P
[Old version datasheet]   FAMILY OF 23-muA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2450 TI-TLV2450 Datasheet
1Mb / 47P
[Old version datasheet]   FAMILY OF 23-mA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2450 TI-TLV2450_08 Datasheet
1Mb / 50P
[Old version datasheet]   FAMLY OF 23-A 220-KHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370_05 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460_07 Datasheet
1Mb / 58P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460A-Q1 TI-TLV2460A-Q1 Datasheet
692Kb / 33P
[Old version datasheet]   FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI1-TLV2460_16 Datasheet
2Mb / 71P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com