Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5357 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK5357
Description  24Bit 96kHz ?誇 ADC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5357 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK5357 Datasheet HTML 1Page - Asahi Kasei Microsystems AK5357 Datasheet HTML 2Page - Asahi Kasei Microsystems AK5357 Datasheet HTML 3Page - Asahi Kasei Microsystems AK5357 Datasheet HTML 4Page - Asahi Kasei Microsystems AK5357 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5357 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5357 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5357 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5357 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ASAHI KASEI
[AK5357]
MS0294-E-01
2006/01
- 5 -
ANALOG CHARACTERISTICS
(Ta=25
°C; VA=VD=5.0V; AGND=DGND=0V; fs=48kHz, 96kHz; SCLK=64fs; Signal Frequency=1kHz; 24bit Data;
Measurement frequency=20Hz
∼ 20kHz at fs=48kHz, 40Hz ∼ 40kHz at fs=96kHz; unless otherwise specified)
Parameter
min
typ
max
Units
ADC Analog Input Characteristics:
Resolution
24
Bits
VA=5V
2.7
3.0
3.3
Vpp
Input Voltage
(Note 4)
VA=3V
-
1.8
-
Vpp
VA=5V
fs=48kHz
fs=96kHz
78
-
88
86
dB
dB
S/(N+D)
(
−1dBFS)
VA=3V
fs=48kHz
fs=96kHz
-
-
86
84
dB
dB
VA=5V
fs=48kHz, A-weighted
fs=96kHz
94
88
102
97
dB
dB
DR
(
−60dBFS)
VA=3V
fs=48kHz, A-weighted
fs=96kHz
-
-
100
95
dB
dB
VA=5V
fs=48kHz, A-weighted
fs=96kHz
94
88
102
97
dB
dB
S/N
VA=3V
fs=48kHz, A-weighted
fs=96kHz
-
-
100
95
dB
dB
Input Resistance
fs=48kHz
fs=96kHz
13
9
20
14
k
k
Interchannel Isolation
90
110
dB
Interchannel Gain Mismatch
0.1
0.5
dB
Gain Drift
100
-
ppm/
°C
Power Supply Rejection
(Note 5)
-
50
dB
Power Supplies
Power Supply Current
Normal Operation (PDN pin = “H”)
VA
VD
(fs=48kHz)
(Note 6)
VD
(fs=96kHz)
(Note 7)
Power down mode (PDN pin = “L”)
(Note 8)
VA+VD
11
3
6
10
17
5
9
100
mA
mA
mA
µA
Note 4. This value is the full scale (0dB) of the input voltage. Input voltage is proportional to VA voltage.
Vin = 0.6 x VA (Vpp).
Note 5. PSR is applied to VA and VD with 1kHz, 50mVpp.
Note 6. VD=2mA@3V
Note 7. VD=4mA@3V
Note 8. All digital input pins are held VD or DGND.


Similar Part No. - AK5357

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AK5357 ETC-AK5357 Datasheet
126Kb / 18P
   24 BIT 96 KHZ ADC
logo
Asahi Kasei Microsystem...
AK5357 AKM-AK5357 Datasheet
301Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357ET AKM-AK5357ET Datasheet
301Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357KT AKM-AK5357KT Datasheet
301Kb / 20P
   24Bit 96kHz ?誇 ADC
logo
List of Unclassifed Man...
AK5357VT ETC-AK5357VT Datasheet
126Kb / 18P
   24 BIT 96 KHZ ADC
More results

Similar Description - AK5357

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357_09 Datasheet
301Kb / 20P
   24Bit 96kHz ?誇 ADC
AKD4380 AKM-AKD4380_04 Datasheet
230Kb / 21P
   96kHz sampling 24Bit?誇DAC
AK5385B AKM-AK5385B Datasheet
186Kb / 24P
   24Bit 192kHz ?誇 ADC
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
AK5380 AKM-AK5380 Datasheet
137Kb / 17P
   96kHz 24Bit ADC with Single - ended Input
AK5353 AKM-AK5353 Datasheet
114Kb / 17P
   96kHz 24BIT ADC WITH SIGLE-ENDED INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com