Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5371A Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK5371A
Description  2ch A/D Converter with USB I/F
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5371A Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK5371A Datasheet HTML 1Page - Asahi Kasei Microsystems AK5371A Datasheet HTML 2Page - Asahi Kasei Microsystems AK5371A Datasheet HTML 3Page - Asahi Kasei Microsystems AK5371A Datasheet HTML 4Page - Asahi Kasei Microsystems AK5371A Datasheet HTML 5Page - Asahi Kasei Microsystems AK5371A Datasheet HTML 6Page - Asahi Kasei Microsystems AK5371A Datasheet HTML 7Page - Asahi Kasei Microsystems AK5371A Datasheet HTML 8Page - Asahi Kasei Microsystems AK5371A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
MS0103-E-00
MS0546-E-00
ASAHI KASEI
[AK5371A]
2007/02
No.
Signal Name
I/O
Ana / Dig
Description
25
NC
-
-
No Connection
26
VA
P
A
Analog Power Supply, 3.3V
27
VSS3
P
A
Analog Ground,0V
28
VREF
O
A
ADC Common Voltage Reference Pin.
29
NC
-
-
No Connection
30
TESTMODE1
I
A
Please tie down to VSS3 for normal operation.
31
NC
-
-
No Connection
32
TEST
I/O
D
Please tie down to VSS3 for normal operation.
33
CS
O
D
EEPROM I/F Chip Select Pin
34
SK
O
D
Serial Clock Pin
35
EPAO
O
D
EEPROM Address Output Pin
36
NC
-
-
No Connection
37
NC
-
-
No Connection
38
EPDI
I
D
EEPROM Data Input Pin (This pin is internally pulled down)
39
EPEN
I
D
EEPROM Enable Pin
"H" : Read Device Descriptor, String Descriptor from EEPROM
“L” : Read Device/String Descriptor from internal ROM.
Note that CS,SK,EPDI,EPAO is Hi-Z when EPEN is “L”
40
EPSEL
I
D
EEPROM Select Pin
“L” : 1Kbit Type EEPROM is connected.
“H” : 2Kbit/4Kbit EEPROM is connected
If EEPROM is not used, EPSEL should be tied to VSS1.
41
NC
-
-
No Connection
42
SUSN
O
D
Suspend Status Pin
"L" : Suspend State
"H" : Normal Operation
43
RSTN
I
D
Reset Pin, Low input makes the chip reset sate.
Schmitt Trigger input.
44
NC
-
-
No Connection
45
NC
-
-
No Connection
46
DP
I/O
D
USB bus Non-Inverting pin.
Because AK5371A is full speed mode device, 1.5k
Ω resistor will
be connected between D+ node to VD.
47
DN
I/O
D
USB bus Inverting Pin.
48
NC
-
-
No Connection


Similar Part No. - AK5371A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5371 AKM-AK5371 Datasheet
256Kb / 32P
   2CH A/D CONVERTER WITH USB I/F
AK5371VQ AKM-AK5371VQ Datasheet
256Kb / 32P
   2CH A/D CONVERTER WITH USB I/F
More results

Similar Description - AK5371A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5371 AKM-AK5371 Datasheet
256Kb / 32P
   2CH A/D CONVERTER WITH USB I/F
AK5370 AKM-AK5370 Datasheet
203Kb / 27P
   USB I/F A/D CONVERTER
logo
Rohm
BH2219FVM ROHM-BH2219FVM Datasheet
171Kb / 5P
   8bit 2ch D/A converter
logo
Renesas Technology Corp
R2A20162NS RENESAS-R2A20162NS_15 Datasheet
408Kb / 8P
   8-bit 2ch D/A Converter with Buffer
R2A20162NS RENESAS-R2A20162NS Datasheet
408Kb / 8P
   8-bit 2ch D/A Converter with Buffer
logo
Asahi Kasei Microsystem...
AK9822 AKM-AK9822 Datasheet
171Kb / 17P
   2K / 4Kbit EEPROM with 2ch 8bit D/A Converter
logo
Mitsubishi Electric Sem...
M62342P MITSUBISHI-M62342P Datasheet
24Kb / 5P
   8-BIT 2CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Asahi Kasei Microsystem...
AKD4563A AKM-AKD4563A_06 Datasheet
555Kb / 32P
   16bit 4ch A/D and 2ch D/A converter,
logo
Renesas Technology Corp
M62332P RENESAS-M62332P_08 Datasheet
142Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62332P MITSUBISHI-M62332P Datasheet
37Kb / 6P
   8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com