Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5388 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK5388
Description  120dB 24-bit 192kHz 4-Channel ADC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5388 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK5388 Datasheet HTML 4Page - Asahi Kasei Microsystems AK5388 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5388 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5388 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5388 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5388 Datasheet HTML 9Page - Asahi Kasei Microsystems AK5388 Datasheet HTML 10Page - Asahi Kasei Microsystems AK5388 Datasheet HTML 11Page - Asahi Kasei Microsystems AK5388 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
[AK5388]
FILTER CHARACTERISTICS (fs=48kHz)
(Ta=25
°C; AVDD1/2=4.75 ∼ 5.25V; DVDD=3.0 ∼ 3.6V; DFS1 = “L”, DFS0 = “L”)
Parameter
Symbol
min
typ
max
Units
ADC Digital Filter (Decimation LPF):
Passband
(Note 11)
−0.01dB
−0.1dB
−3.0dB
−6.0dB
PB
0
-
-
-
22.0
23.8
24.4
21.6
-
-
-
kHz
kHz
kHz
kHz
Stopband
SB
27.9
kHz
Passband Ripple
PR
±0.01
dB
Stopband Attenuation
SA
80
dB
Group Delay
(Note 12)
GD
12.6
1/fs
Group Delay Distortion
ΔGD
±0.01
μs
ADC Digital Filter (HPF):
Frequency Response (Note 11)
−3dB
−0.1dB
FR
1.0
6.5
Hz
Hz
FILTER CHARACTERISTICS (fs=96kHz)
(Ta=25
°C; AVDD1/2=4.75 ∼ 5.25V; DVDD=3.0 ∼ 3.6V; DFS1 = “L”, DFS0 = “H”)
Parameter
Symbol
min
typ
max
Units
ADC Digital Filter (Decimation LPF):
Passband
(Note 11)
−0.01dB
−0.1dB
−3.0dB
−6.0dB
PB
0
-
-
-
44.2
47.6
48.9
43.3
-
-
-
kHz
kHz
kHz
kHz
Stopband
SB
55.9
kHz
Passband Ripple
PR
±0.01
dB
Stopband Attenuation
SA
80
dB
Group Delay
(Note 12)
GD
12.6
1/fs
Group Delay Distortion
ΔGD
±0.013
μs
ADC Digital Filter (HPF):
Frequency Response (Note 11)
−3dB
−0.1dB
FR
1.0
6.5
Hz
Hz
Note 11. The passband and stopband frequencies scale with fs. The reference frequency of these responses is 1kHz.
Note 12. The calculated delay time induced by digital filtering. This time is from the input of an analog signal to the
setting of 24bit data both channels to the ADC output register for ADC.
Rev. 0.3
2007/10
- 8 -


Similar Part No. - AK5388

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5388 AKM-AK5388 Datasheet
435Kb / 31P
   120dB 24-bit 192kHz 4-Channel ADC
AK5388A AKM-AK5388A Datasheet
713Kb / 31P
   120dB 24-bit 192kHz 4-Channel ADC
AK5388AEQ AKM-AK5388AEQ Datasheet
713Kb / 31P
   120dB 24-bit 192kHz 4-Channel ADC
AK5388EQ AKM-AK5388EQ Datasheet
435Kb / 31P
   120dB 24-bit 192kHz 4-Channel ADC
AK5388 AKM-AK5388_09 Datasheet
435Kb / 31P
   120dB 24-bit 192kHz 4-Channel ADC
More results

Similar Description - AK5388

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5388 AKM-AK5388_09 Datasheet
435Kb / 31P
   120dB 24-bit 192kHz 4-Channel ADC
AK5388AEQ AKM-AK5388AEQ Datasheet
713Kb / 31P
   120dB 24-bit 192kHz 4-Channel ADC
logo
Wolfson Microelectronic...
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786_07 Datasheet
277Kb / 24P
   24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8782 CIRRUS-WM8782 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8781 CIRRUS-WM8781 Datasheet
293Kb / 21P
   24-Bit, 192kHz Stereo ADC
logo
Wolfson Microelectronic...
WM8785 WOLFSON-WM8785 Datasheet
321Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8782 WOLFSON-WM8782_10 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com