Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5394A Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK5394A
Description  Super High Performance 192kHz 24-Bit ?誇 ADC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5394A Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK5394A_05 Datasheet HTML 2Page - Asahi Kasei Microsystems AK5394A_05 Datasheet HTML 3Page - Asahi Kasei Microsystems AK5394A_05 Datasheet HTML 4Page - Asahi Kasei Microsystems AK5394A_05 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5394A_05 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5394A_05 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5394A_05 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5394A_05 Datasheet HTML 9Page - Asahi Kasei Microsystems AK5394A_05 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
ASAHI KASEI
[AK5394A]
MS0137-E-03
2005/05
- 6 -
ABSOLUTE MAXIMUM RATINGS
(AGND, BGND, DGND = 0V; Note 1)
Parameter
Symbol
min
max
Units
Power Supplies:
Analog
Digital
|BGND-DGND|
(Note 2)
VA
VD
∆GND
−0.3
−0.3
-
6.0
6.0
0.3
V
V
V
Input Current, Any Pin Except Supplies
IIN
-
±10
mA
Analog Input Voltage
VINA
−0.3
VA+0.3
V
Digital Input Voltage
VIND
−0.3
VD+0.3
V
Ambient Temperature (power applied)
Ta
−10
70
°C
Storage Temperature
Tstg
−65
150
°C
Notes: 1. All voltages with respect to ground.
2. AGND, BGND and DGND must be connected to the same analog ground plane.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(AGND, BGND, DGND = 0V; Note 1)
Parameter
Symbol
min
typ
max
Units
Power Supplies:
Analog
(Note 3)
Digital
VA
VD
4.75
3.0
5.0
3.3
5.25
5.25
V
V
Notes: 1. All voltages with respect to ground.
3. The power up sequence between VA and VD is not critical.
* AKM assumes no responsibility for the usage beyond the conditions in this data sheet.


Similar Part No. - AK5394A_05

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5394AVS AKM-AK5394AVS Datasheet
174Kb / 24P
   Super High Performance 192kHz 24-Bit ADC
More results

Similar Description - AK5394A_05

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5359 AKM-AK5359 Datasheet
137Kb / 18P
   24-Bit 192kHz ?誇 ADC
AK5394A AKM-AK5394A Datasheet
174Kb / 24P
   Super High Performance 192kHz 24-Bit ADC
AK5386 AKM-AK5386 Datasheet
148Kb / 18P
   Single-ended 24-Bit 192kHz ?誇 ADC
AK4388 AKM-AK4388 Datasheet
196Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK4388A AKM-AK4388A Datasheet
327Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK5385B AKM-AK5385B Datasheet
186Kb / 24P
   24Bit 192kHz ?誇 ADC
AK4396 AKM-AK4396 Datasheet
423Kb / 38P
   Advanced Multi-Bit 192kHz 24-Bit ?誇 DAC
AK4385 AKM-AK4385_06 Datasheet
272Kb / 23P
   108dB 192kHz 24-Bit 2ch ?誇 DAC
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com