Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5700VN Datasheet(PDF) 26 Page - Asahi Kasei Microsystems

Part # AK5700VN
Description  16-Bit ?誇 Mono ADC with PLL & MIC-AMP
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5700VN Datasheet(HTML) 26 Page - Asahi Kasei Microsystems

Back Button AK5700VN Datasheet HTML 22Page - Asahi Kasei Microsystems AK5700VN Datasheet HTML 23Page - Asahi Kasei Microsystems AK5700VN Datasheet HTML 24Page - Asahi Kasei Microsystems AK5700VN Datasheet HTML 25Page - Asahi Kasei Microsystems AK5700VN Datasheet HTML 26Page - Asahi Kasei Microsystems AK5700VN Datasheet HTML 27Page - Asahi Kasei Microsystems AK5700VN Datasheet HTML 28Page - Asahi Kasei Microsystems AK5700VN Datasheet HTML 29Page - Asahi Kasei Microsystems AK5700VN Datasheet HTML 30Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
ASAHI KASEI
[AK5700]
MS0569-E-01
2006/12
- 26 -
EXT Slave Mode (PMPLL bit = “0”, M/S bit = “0”)
When PMPLL bit is “0”, the AK5700 becomes EXT mode. Master clock is input from MCKI pin, the internal PLL circuit
is not operated. This mode is compatible with I/F of the normal audio CODEC. The clocks required to operate are MCKI
(256fs, 512fs or 1024fs), EXLRCK (fs) and EXBCLK (
≥32fs). The master clock (MCKI) should be synchronized with
EXLRCK. The phase between these clocks does not matter. The input frequency of MCKI is selected by FS1-0 bits (see
Table 11).
Mode
FS3-2 bits
FS1 bit
FS0 bit
MCKI Input
Frequency
Sampling Frequency
Range
0
Don’t care
0
0
256fs
7.35kHz
∼ 48kHz
1
Don’t care
0
1
1024fs
7.35kHz
∼ 13kHz
2
Don’t care
1
0
512fs
7.35kHz
∼ 26kHz
3
Don’t care
1
1
256fs
7.35kHz
∼ 48kHz
Default
Table 11. MCKI Frequency at EXT Slave Mode (PMPLL bit = “0”, M/S bit = “0”)
The external clocks (MCKI, EXBCLK and EXLRCK) should always be present whenever the ADC is in operation
(PMADC bit = “1”). If these clocks are not provided, the AK5700 may draw excess current and it is not possible to
operate properly because utilizes dynamic refreshed logic internally. If the external clocks are not present, the ADC
should be in the power-down mode (PMADC bit = “0”).
AK5700
DSP or
μP
MCKI
EXBCLK
EXLRCK
SDTO
BCLK
LRCK
SDTI
MCKO
1fs
≥ 32fs
MCLK
256fs, 512fs or 1024fs
Figure 22. EXT Slave Mode


Similar Part No. - AK5700VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5701 AKM-AK5701 Datasheet
470Kb / 62P
   PLL & MIC-AMP 16-Bit Stereo ADC
AK5701 AKM-AK5701 Datasheet
461Kb / 40P
   digital audio 16bit A/D converter
AK5701KN AKM-AK5701KN Datasheet
973Kb / 64P
   16-Bit ?誇 Stereo ADC with PLL & MIC-AMP
AK5701KN AKM-AK5701KN_17 Datasheet
1Mb / 64P
   PLL & MIC-AMP?낁뵷16-Bit Stereo ADC
AK5701VN AKM-AK5701VN Datasheet
470Kb / 62P
   PLL & MIC-AMP 16-Bit Stereo ADC
More results

Similar Description - AK5700VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5701 AKM-AK5701_07 Datasheet
973Kb / 64P
   16-Bit ?誇 Stereo ADC with PLL & MIC-AMP
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK5701 AKM-AK5701 Datasheet
470Kb / 62P
   PLL & MIC-AMP 16-Bit Stereo ADC
AK4632 AKM-AK4632 Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4640 AKM-AK4640_05 Datasheet
648Kb / 78P
   16-Bit ?誇 CODEC with MIC/HP/SPK-AMP
AK5701KN AKM-AK5701KN_17 Datasheet
1Mb / 64P
   PLL & MIC-AMP?낁뵷16-Bit Stereo ADC
AK5703EN AKM-AK5703EN Datasheet
914Kb / 76P
   4-Channel 24-bit ADC with PLL & MIC-AMP
AK4537 AKM-AK4537 Datasheet
556Kb / 76P
   16-Bit ?誇 Stereo CODEC with MIC/HP/SPK-AMP
AK4642VN AKM-AK4642VN Datasheet
591Kb / 82P
   16-Bit ?誇 Stereo CODEC with MIC/HP/SPK-AMP
AK5702 AKM-AK5702 Datasheet
967Kb / 76P
   4-Channel ADC with PLL & MIC-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com