Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5701 Datasheet(PDF) 45 Page - Asahi Kasei Microsystems

Part # AK5701
Description  16-Bit ?誇 Stereo ADC with PLL & MIC-AMP
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5701 Datasheet(HTML) 45 Page - Asahi Kasei Microsystems

Back Button AK5701_07 Datasheet HTML 41Page - Asahi Kasei Microsystems AK5701_07 Datasheet HTML 42Page - Asahi Kasei Microsystems AK5701_07 Datasheet HTML 43Page - Asahi Kasei Microsystems AK5701_07 Datasheet HTML 44Page - Asahi Kasei Microsystems AK5701_07 Datasheet HTML 45Page - Asahi Kasei Microsystems AK5701_07 Datasheet HTML 46Page - Asahi Kasei Microsystems AK5701_07 Datasheet HTML 47Page - Asahi Kasei Microsystems AK5701_07 Datasheet HTML 48Page - Asahi Kasei Microsystems AK5701_07 Datasheet HTML 49Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
[AK5701]
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
1AH
Timer Select
0
0
0
0
ZTM1
ZTM0
WTM1
WTM0
Default
0
0
0
0
0
0
0
0
WTM1-0: ALC Recovery Waiting Period (Table 25)
Default: “00” (128/fs)
ZTM1-0: ALC Limiter/Recovery Operation Zero Crossing Timeout Period (Table 24)
Default: “00” (128/fs)
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
1BH
ALC Mode Control 1
REF7
REF6
REF5
REF4
REF3
REF2
REF1
REF0
Default
1
1
1
0
0
0
0
1
REF7-0: Reference Value at ALC Recovery Operation. 0.375dB step, 242 Level (Table 27)
Default: “E1H” (+30.0dB)
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
1CH
ALC Mode Control 2
ALC
ZELMN
LMAT1
LMAT0
LMTH1
LMTH0
RGAIN1
RGAIN0
Default
0
0
0
0
0
0
0
0
LMTH1-0: ALC Limiter Detection Level / Recovery Counter Reset Level (Table 22)
Default: “00”
Table 26)
RGAIN1-0: ALC Recovery GAIN Step (
Default: “00”
LMAT1-0: ALC Limiter ATT Step (Table 23)
Default: “00”
ZELMN: Zero Crossing Detection Enable at ALC Limiter Operation
0: Enable (default)
1: Disable
ALC: ALC Enable
0: ALC Disable (default)
1: ALC Enable
MS0404-E-02
2007/08
- 45 -


Similar Part No. - AK5701_07

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5701KN AKM-AK5701KN_17 Datasheet
1Mb / 64P
   PLL & MIC-AMP?낁뵷16-Bit Stereo ADC
AK5701VN AKM-AK5701VN Datasheet
470Kb / 62P
   PLL & MIC-AMP 16-Bit Stereo ADC
More results

Similar Description - AK5701_07

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5700 AKM-AK5700 Datasheet
503Kb / 61P
   16-Bit ?誇 Mono ADC with PLL & MIC-AMP
AK5701 AKM-AK5701 Datasheet
470Kb / 62P
   PLL & MIC-AMP 16-Bit Stereo ADC
AK5701KN AKM-AK5701KN_17 Datasheet
1Mb / 64P
   PLL & MIC-AMP?낁뵷16-Bit Stereo ADC
AK4537 AKM-AK4537 Datasheet
556Kb / 76P
   16-Bit ?誇 Stereo CODEC with MIC/HP/SPK-AMP
AK4642VN AKM-AK4642VN Datasheet
591Kb / 82P
   16-Bit ?誇 Stereo CODEC with MIC/HP/SPK-AMP
AK4640 AKM-AK4640_05 Datasheet
648Kb / 78P
   16-Bit ?誇 CODEC with MIC/HP/SPK-AMP
AK5703EN AKM-AK5703EN Datasheet
914Kb / 76P
   4-Channel 24-bit ADC with PLL & MIC-AMP
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK5702 AKM-AK5702 Datasheet
967Kb / 76P
   4-Channel ADC with PLL & MIC-AMP
AK4632 AKM-AK4632 Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com