Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5701KN Datasheet(PDF) 52 Page - Asahi Kasei Microsystems

Part # AK5701KN
Description  16-Bit ?誇 Stereo ADC with PLL & MIC-AMP
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5701KN Datasheet(HTML) 52 Page - Asahi Kasei Microsystems

Back Button AK5701KN Datasheet HTML 48Page - Asahi Kasei Microsystems AK5701KN Datasheet HTML 49Page - Asahi Kasei Microsystems AK5701KN Datasheet HTML 50Page - Asahi Kasei Microsystems AK5701KN Datasheet HTML 51Page - Asahi Kasei Microsystems AK5701KN Datasheet HTML 52Page - Asahi Kasei Microsystems AK5701KN Datasheet HTML 53Page - Asahi Kasei Microsystems AK5701KN Datasheet HTML 54Page - Asahi Kasei Microsystems AK5701KN Datasheet HTML 55Page - Asahi Kasei Microsystems AK5701KN Datasheet HTML 56Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
[AK5701]
3. PLL Slave Mode (MCKI pin)
EXBCLK pin
EXLRCK pin
MCKO bit
(Addr:16H, D2)
PMPLL bit
(Addr:11H, D0)
(1)
Power Supply
PDN pin
PMVCM bit
(Addr:10H, D2)
(2)
(3)
MCKI pin
(5)
(4)
Input
MCKO pin
Output
(6)
(7)
40msec(max)
(8)
Input
Example:
Audio I/F Format: I2S
BCLK frequency at Master Mode: 64fs
Input Master Clock Select at PLL Mode: 11.2896MHz
MCKO: Enable
Sampling Frequency: 44.1kHz
(1) Power Supply & PDN pin = “L”
“H”
(3)Addr:10H, Data:04H
(2)Addr:11H, Data:10H
Addr:14H, Data:23H
Addr:15H, Data:2FH
(4)Addr:16H, Data:04H
Addr:11H, Data:11H
MCKO output start
EXBCLK and EXLRCK input start
Figure 47. Clock Set Up Sequence (3)
<Example>
(1) After Power Up: PDN pin “L”
“H”
“L” time of 150ns or more is needed to reset the AK5701.
(2) DIF1-0, PLL3-0, FS3-0, BCKO1-0 and M/S bits should be set during this period.
(3) Power Up VCOM: PMVCM bit = “0”
“1”
VCOM should first be powered up before the other block operates.
(4) Enable MCKO output: MCKO bit = “1”
(5) PLL starts after that the PMPLL bit changes from “0” to “1” and PLL reference clock (MCKI pin) is supplied.
PLL lock time is 40ms(max) at MCKI=12MHz (Table 4).
(6) The normal clock is output from MCKO after PLL is locked.
(7) The invalid frequency is output from MCKO during this period.
(8) EXBCLK and EXLRCK clocks should be synchronized with MCKO clock.
MS0404-E-02
2007/08
- 52 -


Similar Part No. - AK5701KN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5701KN AKM-AK5701KN_17 Datasheet
1Mb / 64P
   PLL & MIC-AMP?낁뵷16-Bit Stereo ADC
More results

Similar Description - AK5701KN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5700 AKM-AK5700 Datasheet
503Kb / 61P
   16-Bit ?誇 Mono ADC with PLL & MIC-AMP
AK5701 AKM-AK5701 Datasheet
470Kb / 62P
   PLL & MIC-AMP 16-Bit Stereo ADC
AK5701KN AKM-AK5701KN_17 Datasheet
1Mb / 64P
   PLL & MIC-AMP?낁뵷16-Bit Stereo ADC
AK4537 AKM-AK4537 Datasheet
556Kb / 76P
   16-Bit ?誇 Stereo CODEC with MIC/HP/SPK-AMP
AK4642VN AKM-AK4642VN Datasheet
591Kb / 82P
   16-Bit ?誇 Stereo CODEC with MIC/HP/SPK-AMP
AK4640 AKM-AK4640_05 Datasheet
648Kb / 78P
   16-Bit ?誇 CODEC with MIC/HP/SPK-AMP
AK5703EN AKM-AK5703EN Datasheet
914Kb / 76P
   4-Channel 24-bit ADC with PLL & MIC-AMP
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK5702 AKM-AK5702 Datasheet
967Kb / 76P
   4-Channel ADC with PLL & MIC-AMP
AK4632 AKM-AK4632 Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com