Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5701KN Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK5701KN
Description  16-Bit ?誇 Stereo ADC with PLL & MIC-AMP
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5701KN Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK5701KN Datasheet HTML 4Page - Asahi Kasei Microsystems AK5701KN Datasheet HTML 5Page - Asahi Kasei Microsystems AK5701KN Datasheet HTML 6Page - Asahi Kasei Microsystems AK5701KN Datasheet HTML 7Page - Asahi Kasei Microsystems AK5701KN Datasheet HTML 8Page - Asahi Kasei Microsystems AK5701KN Datasheet HTML 9Page - Asahi Kasei Microsystems AK5701KN Datasheet HTML 10Page - Asahi Kasei Microsystems AK5701KN Datasheet HTML 11Page - Asahi Kasei Microsystems AK5701KN Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
[AK5701]
MS0404-E-02
2007/08
- 8 -
SWITCHING CHARACTERISTICS
(Ta=25
°C; AVDD=2.4 ∼ 3.6V; DVDD=1.6 ∼ 3.6V; CL=20pF)
Parameter
Symbol
min
typ
max
Units
PLL Master Mode (PLL Reference Clock = MCKI pin)
MCKI Input Timing
Frequency
fCLK
11.2896
-
27
MHz
Pulse Width Low
tCLKL
0.4/fCLK
-
-
ns
Pulse Width High
tCLKH
0.4/fCLK
-
-
ns
MCKO Output Timing
Frequency
fMCK
0.2352
-
12.288
MHz
Duty Cycle
Except 256fs at fs=32kHz, 29.4kHz
dMCK
40
50
60
%
256fs at fs=32kHz, 29.4kHz
dMCK
-
33
-
%
LRCK Output Timing
Frequency
Except DSP Mode 1
fs
7.35
-
48
kHz
DSP Mode 1 (Note 18)
fsd
14.7
-
96
kHz
DSP Mode: Pulse Width High
tLRCKH
-
tBCK
-
ns
Except DSP Mode: Duty Cycle
Duty
-
50
-
%
BCLK Output Timing
Period
BCKO1-0 bit = “01”
tBCK
-
1/(32fs)
-
ns
BCKO1-0 bit = “10”
tBCK
-
1/(64fs)
-
ns
Duty Cycle
dBCK
-
50
-
%
PLL Slave Mode (PLL Reference Clock = MCKI pin)
MCKI Input Timing
Frequency
fCLK
11.2896
-
27
MHz
Pulse Width Low
tCLKL
0.4/fCLK
-
-
ns
Pulse Width High
tCLKH
0.4/fCLK
-
-
ns
MCKO Output Timing
Frequency
fMCK
0.2352
-
12.288
MHz
Duty Cycle
Except 256fs at fs=32kHz, 29.4kHz
dMCK
40
50
60
%
256fs at fs=32kHz, 29.4kHz
dMCK
-
33
-
%
EXLRCK Input Timing
Frequency
fs
7.35
-
48
kHz
DSP Mode: Pulse Width High
tLRCKH
tBCK
−60
-
1/fs
− tBCK
ns
Except DSP Mode: Duty Cycle
Duty
45
-
55
%
EXBCLK Input Timing
Period
tBCK
1/(64fs)
-
1/(32fs)
ns
Pulse Width Low
tBCKL
0.4 x tBCK
-
-
ns
Pulse Width High
tBCKH
0.4 x tBCK
-
-
ns
PLL Slave Mode (PLL Reference Clock = EXLRCK pin)
EXLRCK Input Timing
Frequency
fs
7.35
-
48
kHz
DSP Mode: Pulse Width High
tLRCKH
tBCK
−60
-
1/fs
− tBCK
ns
Except DSP Mode: Duty Cycle
Duty
45
-
55
%
EXBCLK Input Timing
Period
tBCK
1/(64fs)
-
1/(32fs)
ns
Pulse Width Low
tBCKL
0.4 x tBCK
-
-
ns
Pulse Width High
tBCKH
0.4 x tBCK
-
-
ns
Note 18. Sampling frequency is 7.35kHz
∼ 48kHz.


Similar Part No. - AK5701KN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5701KN AKM-AK5701KN_17 Datasheet
1Mb / 64P
   PLL & MIC-AMP?낁뵷16-Bit Stereo ADC
More results

Similar Description - AK5701KN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5700 AKM-AK5700 Datasheet
503Kb / 61P
   16-Bit ?誇 Mono ADC with PLL & MIC-AMP
AK5701 AKM-AK5701 Datasheet
470Kb / 62P
   PLL & MIC-AMP 16-Bit Stereo ADC
AK5701KN AKM-AK5701KN_17 Datasheet
1Mb / 64P
   PLL & MIC-AMP?낁뵷16-Bit Stereo ADC
AK4537 AKM-AK4537 Datasheet
556Kb / 76P
   16-Bit ?誇 Stereo CODEC with MIC/HP/SPK-AMP
AK4642VN AKM-AK4642VN Datasheet
591Kb / 82P
   16-Bit ?誇 Stereo CODEC with MIC/HP/SPK-AMP
AK4640 AKM-AK4640_05 Datasheet
648Kb / 78P
   16-Bit ?誇 CODEC with MIC/HP/SPK-AMP
AK5703EN AKM-AK5703EN Datasheet
914Kb / 76P
   4-Channel 24-bit ADC with PLL & MIC-AMP
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK5702 AKM-AK5702 Datasheet
967Kb / 76P
   4-Channel ADC with PLL & MIC-AMP
AK4632 AKM-AK4632 Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com