Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK7780VQ Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK7780VQ
Description  24bit 5ch ADC & SRC Audio DSP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7780VQ Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK7780VQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK7780VQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK7780VQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK7780VQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK7780VQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK7780VQ Datasheet HTML 10Page - Asahi Kasei Microsystems AK7780VQ Datasheet HTML 11Page - Asahi Kasei Microsystems AK7780VQ Datasheet HTML 12Page - Asahi Kasei Microsystems AK7780VQ Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
[AK7780]
No
Pin Name
I/O
Function
Classification
51
RDY
O
Data write ready output pin for microcomputer interface.
Microcomputer
Interface.
52
STO
O
Status output pin
Normal state output “H”.
When WDT, CRC error or SRC UNLOCK occurs, then output “L”.
See 3.(1) Whole block diagram.
Status
53
SDOUTA1
O
DSP or ADC Serial data output pin
* Compatible with MSB justified 24 bits / I
2S.
54
SDOUT6
O
DSP or ADC Serial data output pin
Digital section
* Compatible with MSB justified 24 bits / I
2S.
Serial output data
55
CLKO2
O
Clock output pin 2
Select the output frequency through a control register.
Clock output
56
DVDD
-
Power supply pin for digital section 3.3V(typ)
57
DVSS
-
Ground pin for digital section 0.0V
58
DVDD18
-
Power supply pin for digital section 1.8V(typ)
Digital power
supply
59
JX2
I
External condition jump pin
* When not used, connect to DVSS
60
JX1
I
External condition jump pin
* When not used, connect to DVSS
Conditional input
61
JX0
I
External condition jump pin
* When not used, connect to DVSS
62
SDIN1
I
DSP/SRC Serial input pin
Input pin for SRC. When not used, connect to DVSS.
Digital section
Serial input data
63
SRC_BICK
I
SRC Serial bit clock input pin.
64
SRC_LRCK
I
SRC LR channel select clock input pin.
SRC
I
I2CSEL= “L”
SDA Outputs “L” level.
65
SDA
I/O
I2CSEL= “H”
I2C bus interface data pin
I
2C
66
P_SRCRST
I
SRC Reset pin
The control register R_SRCRST_N can also rest the SRC.
RESET
67
DVDD18
-
Power supply pin for digital section 1.8V(typ)
68
DVSS
-
Ground pin for digital section 0.0V
69
DVDD
-
Power supply pin for digital section 3.3V(typ)
Digital power
supply
70
BVSS
-
Silicon substrate potential 0V
Connect to AVSS.
Analog power
supply
71
P_SRC
SMUTE
I
SRC Soft mute pin
The control register R_SRCSMUTE can also execute a soft mute on the
SRC.
SRC
72
TESTI2
I
TEST pin ( Internal pull-down )
* Connect to DVSS.
TEST
73
AVDD
-
Power supply pin for analog section 3.3V (typ)
74
AVSS
-
Analog ground 0V
Analog power
supply
75
SRC_LFLT
O
RC Filter connection pin for SRC.
Analog output
See p.86 10-2-5-2: SRC PLL loop filter setting.
MS0581-E-00-PB
2007/09
- 9 -


Similar Part No. - AK7780VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7782 AKM-AK7782 Datasheet
390Kb / 28P
   Dual Audio DSP with 24bit 5ch ADC & SRC
AK7782VQ AKM-AK7782VQ Datasheet
390Kb / 28P
   Dual Audio DSP with 24bit 5ch ADC & SRC
More results

Similar Description - AK7780VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7782 AKM-AK7782 Datasheet
390Kb / 28P
   Dual Audio DSP with 24bit 5ch ADC & SRC
AK7722 AKM-AK7722 Datasheet
457Kb / 28P
   24bit 4ch ADC 24bit 4ch DAC with Audio DSP
AK7738VQ AKM-AK7738VQ Datasheet
1Mb / 42P
   Multi DSP with 5ch ADC 4ch DAC 8ch SRC
AK7738 AKM-AK7738 Datasheet
1Mb / 42P
   Multi DSP with 5ch ADC 4ch DAC 8ch SRC
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7744VT AKM-AK7744VT Datasheet
444Kb / 50P
   24bit 3ch ADC 24bit 4ch DAC with Audio DSP
AK7734 AKM-AK7734 Datasheet
470Kb / 24P
   Audio DSP with 2-Channel ADC/SRC
AK7757VQ AKM-AK7757VQ Datasheet
656Kb / 24P
   24bit 3ch ADC 4ch DAC Mic Amp ?낁뵷 Audio DSP
AK7757 AKM-AK7757 Datasheet
433Kb / 24P
   Audio DSP with 24bit 3ch ADC 4ch DAC MIC Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com