Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8817 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK8817
Description  NTSC/PAL Digital Video Encoder
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8817 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK8817_07 Datasheet HTML 3Page - Asahi Kasei Microsystems AK8817_07 Datasheet HTML 4Page - Asahi Kasei Microsystems AK8817_07 Datasheet HTML 5Page - Asahi Kasei Microsystems AK8817_07 Datasheet HTML 6Page - Asahi Kasei Microsystems AK8817_07 Datasheet HTML 7Page - Asahi Kasei Microsystems AK8817_07 Datasheet HTML 8Page - Asahi Kasei Microsystems AK8817_07 Datasheet HTML 9Page - Asahi Kasei Microsystems AK8817_07 Datasheet HTML 10Page - Asahi Kasei Microsystems AK8817_07 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
ASAHI KASEI
[AK8817/18]
Rev.000
7
2007 / 03
(4) Analog Characteristics
< AVDD = 3.0 V, temperature 25
°C >
Parameter
Symbol
Min
Typ
Max
Units
DAC resolution
9
bit
DAC integral non-linearity ( error )
+/- 0.6
+/- 2.0
LSB
DAC differential non-linearity ( error )
+/- 0.4
+/- 1.0
LSB
DAC output full scale voltage
1.18
1.28
1.38
V
Note1)
DAC output offset voltage
5.0
mV
Note2)
Video Amp Output Gain
5.0
6.0
7.0
dB
Amp Input Level 1Vpp
Video Amp Full scale Level
2.0
Vpp
Note3)
Video Amp THD
-45
-51
dB
100kHz - 5.5MHz Note4)
Video Amp S/N
54
dB
100kHz - 5.5MHz Note4)
LPF Ripple
-1
+/- 0.5
+1
dB
100kHz - 5.5MHz
0dB = 100kHz input
LPF Stop Band Level
20
30
dB
27MHz
0dB = 100kHz input
LPF Group Delay
10
100
ns
|GD3MHz - GD6MHz|
On-chip reference voltage (VREF)
1.17
1.23
1.30
V
Reference voltage drift
-50
ppm/
°C
Note1) Values are when a 390 ohm output load, a 12k ohm IREF pin resistor and on-chip VREF are used.
Full scale output current is calculated as Iout = full scale output voltage ( typ. 1.28 V ) / 390 ohm = typ. 3.28 mA.
Note2) A voltage referenced to VSS when a decimal zero voltage is input to DAC.
Note3) VOUT Output Level Output Load Resistor: 150ohm, Load Capacitor: 15pF Internal Color Bar output
Note4) Output signal from DAC to which Input data corresponded 1Vpp. This signal is input to AMP.
Load resistor is 150ohm and Load capacitor is 15pF as shown bellow figure at (5) Current Consumption.
(5) Current consumption
< Operating voltage : DVDD = AVDD = PVDD = 3.0 V, Ta = +25
°C >
Parameter
Symbol
Min
Typ
Max
Units
Total power consumption
27
35
mA
Note1)
Power-down current 1
10
30
uA
Note2)
Digital part operating current 1
13
mA
Note3)
Analog part operating current 1
14
mA
Note4)
Analog part operating current 2
5.5
mA
Note5)
Analog part operating current 3
0.8
mA
Note6)
Note1) operation at 27 MHz, NTSC mode on-chip 75% color bar output is enabled and Video Amp output is “ on “ ( no
external output loads are connected except for recommended components. ). 15pF capacitors in following figure represent
PCB layout-capacitor.
SAG Compensation ON
SAG Compensation OFF
75ohm
AK8817
VOUT
SAG
75ohm
100uF
15pF
AK8817
VOUT
SAG
47uF
1uF
75ohm
75ohm
15pF
15pF
15pF
Note2) measuring conditions :
input / output settings after power-down sequence are, PDN pin is at GND level, CLKOUT and SDO output are at high
level ( power supply voltage ) with no external connection, input voltage on those input pins is 1/2 level of power supply
which are set to accept Hi-Z input at power-down, and TEST = ATPG = GND ( or left open ).
Power supplies are AVDD = DVSS = PVDD.
Each ground pin ( DVSS, AVSS, PVSS ) is always 0 V ( voltage reference ).
Note3) Operation at 27 MHz, NTSC mode on-chip 75% color bar output is enabled.
Note4) DAC ON, Video Amp On SAG Compensation On
Note5) DAC ON, Video Amp Off (SAG Compensation Off)
Note6) DAC Off, Video Amp Off (SAG Compensation Off)


Similar Part No. - AK8817_07

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8817 AKM-AK8817_06 Datasheet
449Kb / 44P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817_09 Datasheet
432Kb / 50P
   NTSC/PAL Digital Video Encoder
More results

Similar Description - AK8817_07

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com