Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM10MD1-24 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CM10MD1-24
Description  CI Module Three Phase Converter Three Phase Inverter 10 Amperes/1200 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM10MD1-24 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CM10MD1-24 Datasheet HTML 1Page - Powerex Power Semiconductors CM10MD1-24 Datasheet HTML 2Page - Powerex Power Semiconductors CM10MD1-24 Datasheet HTML 3Page - Powerex Power Semiconductors CM10MD1-24 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
CM10MD1-24H
CI Module
Three Phase Converter + Three Phase Inverter
10 Amperes/1200 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
OUTPUT CHARACTERISTICS
(TYPICAL)
02468
10
10
0
VGE =
20V
15
12
11
8
7
Tj = 25
oC
5
15
20
10
9
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
TRANSFER CHARACTERISTICS
(TYPICAL)
048
12
16
20
15
10
5
0
20
VCE = 10V
Tj = 25°C
Tj = 125°C
COLLECTOR-CURRENT, IC, (AMPERES)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
5
0
5
10
15
4
3
2
1
0
VGE = 15V
Tj = 25°C
Tj = 125°C
20
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
10
048
12
16
20
8
6
4
2
0
Tj = 25°C
IC = 4A
IC = 20A
IC = 10A
1.0
1.5
2.0
2.5
3.0
3.5
10-1
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
100
102
101
Tj = 25°C
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
CAPACITANCE VS. VCE
(TYPICAL)
10-1
100
102
100
101
10-1
10-2
VGE = 0V
f = 1MHz
101
Cies
Coes
Cres
COLLECTOR CURRENT, IC, (AMPERES)
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
103
10-1
100
102
102
100
101
td(off)
td(on)
tr
VCC = 600V
VGE = ±15V
RG = 31Ω
Tj = 125°C
tf
101
EMITTER CURRENT, IE, (AMPERES)
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
103
100
101
102
102
101
trr
Irr
101
100
10-1
di/dt = -20A/
µsec
Tj = 25°C
GATE CHARGE, QG, (nC)
GATE CHARGE, VGE
20
0
204060
16
12
8
4
0
80
100
IC = 10A
VCC = 600V
VCC = 400V


Similar Part No. - CM10MD1-24

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM10MD1-12H MITSUBISHI-CM10MD1-12H Datasheet
144Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
logo
Powerex Power Semicondu...
CM10MD1-12H POWEREX-CM10MD1-12H Datasheet
59Kb / 4P
   CI Module Three Phase Converter Three Phase Inverter 10 Amperes/600 Volts
More results

Similar Description - CM10MD1-24

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM25MD1-24H POWEREX-CM25MD1-24H Datasheet
61Kb / 4P
   CI Module Three Phase Converter Three Phase Inverter 25 Amperes/1200 Volts
CM15MD1-24H POWEREX-CM15MD1-24H Datasheet
61Kb / 4P
   CI Module Three Phase Converter Three Phase Inverter 15 Amperes/1200 Volts
CM10MD1-12H POWEREX-CM10MD1-12H Datasheet
59Kb / 4P
   CI Module Three Phase Converter Three Phase Inverter 10 Amperes/600 Volts
CM50MD1-12H POWEREX-CM50MD1-12H Datasheet
61Kb / 4P
   CI Module Three Phase Converter Three Phase Inverter 50 Amperes/600 Volts
CM10MD-24H POWEREX-CM10MD-24H Datasheet
85Kb / 6P
   CIB Module Three Phase Converter Three Phase Inverter Brake 10 Amperes/1200 Volts
CM20MD1-12H POWEREX-CM20MD1-12H Datasheet
59Kb / 4P
   CI Module Three Phase Converter Three Phase Inverter 20 Amperes/600 Volts
CM30MD1-12H POWEREX-CM30MD1-12H Datasheet
61Kb / 4P
   CI Module Three Phase Converter Three Phase Inverter 30 Amperes/600 Volts
CM15MD1-12H POWEREX-CM15MD1-12H Datasheet
59Kb / 4P
   CI Module Three Phase Converter Three Phase Inverter 15 Amperes/600 Volts
CM10MD3-12H POWEREX-CM10MD3-12H Datasheet
57Kb / 4P
   CI Module Single Phase Converter Three Phase Inverter 10 Amperes/600 Volts
CM15MD-24H POWEREX-CM15MD-24H Datasheet
85Kb / 6P
   CIB Module Three Phase Converter Three Phase Inverter Brake 15 Amperes/1200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com