Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIR940-R5B-33329-92-BL Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TIR940-R5B-33329-92-BL
Description  5mm Infrared LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TIR940-R5B-33329-92-BL Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  TIR940-R5B-33329-92-BL Datasheet HTML 1Page - List of Unclassifed Manufacturers TIR940-R5B-33329-92-BL Datasheet HTML 2Page - List of Unclassifed Manufacturers TIR940-R5B-33329-92-BL Datasheet HTML 3Page - List of Unclassifed Manufacturers TIR940-R5B-33329-92-BL Datasheet HTML 4Page - List of Unclassifed Manufacturers TIR940-R5B-33329-92-BL Datasheet HTML 5Page - List of Unclassifed Manufacturers TIR940-R5B-33329-92-BL Datasheet HTML 6Page - List of Unclassifed Manufacturers TIR940-R5B-33329-92-BL Datasheet HTML 7Page - List of Unclassifed Manufacturers TIR940-R5B-33329-92-BL Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Rev. A/JY 2007-08-23
5mm Infrared LED
www.taitroncomponents.com
Page 7 of 8
TIR940-R5B-33329
Code of Frame Structure
Round Lamp
Code of Chip Rank
Peak wavelength (nm)
Blue Lens Color
Factory location code
Taitron Infrared LED
Packed in a bag or box
Size in mm
Ordering Information
TIR 940 –R 5 B –333 29 – 92 – BL
Rank of Radiant Intensity
Condition: IF=20mA
Unit: mW/sr
Bin Number
N
P
Q
Min
11
15
21
Max
17.6
24
34


Similar Part No. - TIR940-R5B-33329-92-BL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIR1000 TI-TIR1000 Datasheet
119Kb / 9P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
TIR1000I TI-TIR1000I Datasheet
119Kb / 9P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
TIR1000IPS TI-TIR1000IPS Datasheet
119Kb / 9P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
TIR1000IPS TI1-TIR1000IPS Datasheet
788Kb / 14P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
TIR1000IPSR TI1-TIR1000IPSR Datasheet
788Kb / 14P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
More results

Similar Description - TIR940-R5B-33329-92-BL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IR333C-A ETC2-IR333C-A Datasheet
145Kb / 8P
   5mm Infrared LED
logo
Everlight Electronics C...
HIR323C EVERLIGHT-HIR323C_15 Datasheet
248Kb / 8P
   5mm Infrared LED
HIR7393C EVERLIGHT-HIR7393C_15 Datasheet
203Kb / 7P
   5mm Infrared LED
IR333-H0-L10 EVERLIGHT-IR333-H0-L10_15 Datasheet
271Kb / 8P
   5mm Infrared LED
EAILP05RDDA4 EVERLIGHT-EAILP05RDDA4 Datasheet
253Kb / 9P
   5mm Infrared LED
EAILP05RDTA0 EVERLIGHT-EAILP05RDTA0 Datasheet
926Kb / 7P
   5mm Infrared LED
HIR323C-H0 EVERLIGHT-HIR323C-H0_15 Datasheet
181Kb / 7P
   5mm Infrared LED
HIR7373C EVERLIGHT-HIR7373C_15 Datasheet
237Kb / 8P
   5mm Infrared LED
HIR333C-H0 EVERLIGHT-HIR333C-H0_15 Datasheet
261Kb / 8P
   5mm Infrared LED
HIR333-H0 EVERLIGHT-HIR333-H0_15 Datasheet
261Kb / 8P
   5mm Infrared LED
IR333-A EVERLIGHT-IR333-A_15 Datasheet
268Kb / 8P
   5mm Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com