Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65800RTQT Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS65800RTQT
Description  SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65800RTQT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65800RTQT Datasheet HTML 7Page - Texas Instruments TPS65800RTQT Datasheet HTML 8Page - Texas Instruments TPS65800RTQT Datasheet HTML 9Page - Texas Instruments TPS65800RTQT Datasheet HTML 10Page - Texas Instruments TPS65800RTQT Datasheet HTML 11Page - Texas Instruments TPS65800RTQT Datasheet HTML 12Page - Texas Instruments TPS65800RTQT Datasheet HTML 13Page - Texas Instruments TPS65800RTQT Datasheet HTML 14Page - Texas Instruments TPS65800RTQT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS – LINEAR REGULATORS
TPS65800
SLVS606C – SEPTEMBER 2005 – REVISED FEBRUARY 2007
Over recommended operating conditions (typical values at T
J = 25°C), application circuit as in Figure 3 (unless otherwise
noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SELECTABLE OUTPUT VOLTAGE LDOS: LDO1, LDO2
I(LDO1,2) = –1 mA
15
Quiescent current, either LDO1
IQ(LDO12)
IQ(LDO12) = I(VIN_LDO02)
µA
or LDO2 enabled, LDO0 disabled
I(LDO1,2) = –150 mA
160
IO(LDO1,2)
Output current range
150
mA
Available output voltages:
VO(LDO1,2)TYP = 1.25, 1.5, 1.8,
V
Output voltage, selectable via I2C.
2.5, 2.85, 3, 3.2, 3.3
Dropout voltage, 150 mA load
300
mV
VO(LDO1,2)
LDO1, LDO2 output voltage
Total accuracy, V(VIN_LDO02) = 3.65 V
–3%
3%
Line regulation, 100-mA load,
–1%
1%
V(VIN_LDO02): V(LDO1,2)TYP + 0.5 V → 4.7 V
Load regulation, load: 10 mA
→ 150 mA
–1.5%
1.5%
V(VIN_LDO02) > VO(LDO1,2) TYP + 0.5 V
PSR(LDO12)
PSRR at 20 kHz
150-mA load at output, V(VIN_LDO02) – VO(LDO1,2) = 1 V
40
dB
ISC(LDO1,2)
LDO1&2 short-circuit current limit
Output grounded
300
mA
RDCH(LDO1,2)
Discharge resistor
300
LDO disabled by I2C command
ILKG(LDO1,2)
Leakage current
LDO off
2
µA
tSSLDO1,2
Soft start ramp time
500
µs
tSS_DELAYLDO1,2
Startup delay
Measured from the time when the enable bit is set
20
µs
SIM LINEAR REGULATOR
IQ(SIM)
Quiescent current
Internally connected to OUT pin
20
µA
IO(SIM)
Output current range
8
mA
Available output voltages:
Output voltage, selectable via I2C.
VO(SIM)TYP = 1.8 or 3
V
Dropout voltage, 8-mA load
0.2
Total accuracy, V(OUT): 3.2 V to 4.7 V, 8 mA
–5%
5%
VO(SIM)
SIM LDO output voltage
Load regulation, load: 1 mA
→ 8 mA,
–3%
3%
V(OUT) > VO(SIM) TYP + 0.5 V
Line regulation, 5 mA load, V(OUT):
–2%
2%
VO(SIM) TYP + 0.5 V → 4.7 V
ISC(SIM)
Short Circuit current limit
Output grounded
20
mA
ILKG(SIM)
Leakage current
LDO off
1
µA
PROGRAMMABLE OUTPUT VOLTAGE LDO’S: LDO3, LDO4, LDO5
Quiescent current, only one of
IQ(LDO35)
IQ(LDO35) = I(VIN_LDO35)
70
µA
LDO3, LDO4, LDO5 is enabled
IO(LDO35)
Output current range
100
mA
Available output voltages:
VO(LDO35)TYP = 1.224 V to
V
Output voltage, selectable via I2C
4.46 V, 25 mV steps
Dropout voltage, 100-mA load
240
mV
LDO3, LDO4, LDO5 output
Total accuracy, 100-mA load V(VIN_LDO35) = 5 V
–3%
3%
VO(LDO35)
voltage
Load regulation,
V(VIN_LDO35) > VO(LDO35)TYP + Load: 1 mA → 50 mA
–1%
1%
0.5 V
Line regulation, 10 mA load,
–1%
1%
V(VIN_LDO35): VO(LDO35)TYP + 0.5 V → 4.7 V
ISC(LDO35)
Short-circuit current limit
Output grounded
250
mA
PSR(LDO35)
PSRR at 10 kHz
V(VIN_LDO35) > VO(LDO3,5) +1 V, 50-mA load at output
40
dB
RDCH(LDO35)
Discharge resistor
400
LDO is disabled by I2C command
ILKG(LDO35)
Leakage current
LDO off
1
µA
tSSLDO3,5
Soft-start ramp time
120
µs
tSS_DELAYLDO3,5
Startup delay
Measured from the time when the enable bit is set
70
µs
11
Submit Documentation Feedback


Similar Part No. - TPS65800RTQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65800 TI-TPS65800 Datasheet
232Kb / 3P
[Old version datasheet]   INTEGRATED SINGLE-CELL LITHIUM-ION BATTERY-AND POWER-MANAGEMENT IC
More results

Similar Description - TPS65800RTQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65810 TI-TPS65810 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65820 TI-TPS65820 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI-TPS65810_07 Datasheet
1Mb / 99P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI1-TPS65810_14 Datasheet
2Mb / 100P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
logo
Shenzhen X-Powers Techn...
AXP192 XPOWER-AXP192 Datasheet
453Kb / 4P
   Single Cell Li-Battery and Power System Management IC
logo
AiT Semiconductor Inc.
A4006 AITSEMI-A4006 Datasheet
426Kb / 6P
   BATTERY MANAGEMENT SINGLE CELL LI-ION BATTERY INDICATOR CHIP
REV1.1
logo
List of Unclassifed Man...
AXP192 ETC2-AXP192 Datasheet
1Mb / 53P
   Enhanced single Cell Li-Battery and Power System Management IC
AXP173 ETC2-AXP173 Datasheet
1Mb / 45P
   Enhanced Single Cell Li-Battery and Power System Management IC
AXP199 ETC2-AXP199 Datasheet
1Mb / 50P
   Enhanced single Cell Li-Battery and Power System Management IC
AXP209 ETC2-AXP209 Datasheet
2Mb / 45P
   Enhanced single Cell Li-Battery and Power System Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com