Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83627THF Datasheet(PDF) 10 Page - Winbond

Part # W83627THF
Description  Winbond LPC I/O
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83627THF Datasheet(HTML) 10 Page - Winbond

Back Button W83627THF_06 Datasheet HTML 6Page - Winbond W83627THF_06 Datasheet HTML 7Page - Winbond W83627THF_06 Datasheet HTML 8Page - Winbond W83627THF_06 Datasheet HTML 9Page - Winbond W83627THF_06 Datasheet HTML 10Page - Winbond W83627THF_06 Datasheet HTML 11Page - Winbond W83627THF_06 Datasheet HTML 12Page - Winbond W83627THF_06 Datasheet HTML 13Page - Winbond W83627THF_06 Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 142 page
background image
W83627THF/W83627THG
Publication Release Date: September 26, 2006
- 3 -
Revision 1.2
2. FEATURES
General
Meet LPC Spec. 1.1
Support LDRQ#(LPC DMA), SERIRQ (serial IRQ)
Compliant with Microsoft PC98/PC2001 Hardware Design Guide
Support DPM (Device Power Management), ACPI
Programmable configuration settings
Single 24 or 48 MHz clock input
FDC
Compatible with IBM PC AT disk drive systems
Variable write pre-compensation with track selectable capability
Support vertical recording format
DMA enable logic
16-byte data FIFOs
Support floppy disk drives and tape drives
Detects all overrun and underrun conditions
Built-in address mark detection circuit to simplify the read electronics
FDD anti-virus functions with software write protect and FDD write enable signal (write data signal
was forced to be inactive)
Support up to four 3.5-inch or 5.25-inch floppy disk drives
Completely compatible with industry standard 82077
360K/720K/1.2M/1.44M/2.88M format; 250K, 300K, 500K, 1M, 2M bps data transfer rate
Support 3-mode FDD, and its Win95/98/NT/2K/XP driver
UART
Two high-speed 16550 compatible UARTs with 16-byte send/receive FIFOs
MIDI compatible
Fully programmable serial-interface characteristics:
--- 5, 6, 7 or 8-bit characters
--- Even, odd or no parity bit generation/detection
--- 1, 1.5 or 2 stop bits generation


Similar Part No. - W83627THF_06

ManufacturerPart #DatasheetDescription
logo
Winbond
W83627THF WINBOND-W83627THF Datasheet
840Kb / 132P
   Winbond LPC I/O
More results

Similar Description - W83627THF_06

ManufacturerPart #DatasheetDescription
logo
Winbond
W83627THF WINBOND-W83627THF Datasheet
840Kb / 132P
   Winbond LPC I/O
W83697HG WINBOND-W83697HG Datasheet
710Kb / 109P
   WINBOND LPC I/O
W83627DHG WINBOND-W83627DHG Datasheet
1Mb / 268P
   WINBOND LPC I/O
W83627HG WINBOND-W83627HG Datasheet
1Mb / 131P
   Winbond LPC I/O
W83627EHF_0611 WINBOND-W83627EHF_0611 Datasheet
1Mb / 144P
   WINBOND LPC I/O
W83627UHG WINBOND-W83627UHG Datasheet
1Mb / 241P
   WINBOND LPC I/O
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com