Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4104-A Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AKD4104-A
Description  192kHz 24-Bit 3.3V DIT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4104-A Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AKD4104-A Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4104-A Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4104-A Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4104-A Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4104-A Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4104-A Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4104-A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4104-A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4104-A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
[AKD4104-A]
<KM089600>
2007/05
- 5 -
Explanation of each dialog
1. [Write Dialog]: Dialog to write data by mouse operation
There are dialogs corresponding to each register.
Click the [Write] button corresponding to each register to set up the dialog. If you check the check box, data becomes
“H” or “1”. If not, “L” or “0”.
If you want to write the input data to AK4104, click [OK] button. If not, click [Cancel] button.
2. [Function1 Dialog] : Dialog to write data by keyboard operation
Address Box:
Input registers address in 2 figures of hexadecimal.
Data Box:
Input registers data in 2 figures of hexadecimal.
If you want to write the input data to AK4104, click [OK] button. If not, click [Cancel] button.
3. [Function2 Dialog] : Dialog to evaluate ATT
Address Box:
Input registers address in 2 figures of hexadecimal.
Start Data Box:
Input starts data in 2 figures of hexadecimal.
End Data Box:
Input end data in 2 figures of hexadecimal.
Interval Box:
Data is written to AK4104 by this interval.
Step Box:
Data changes by this step.
Mode Select Box:
*If you check this check box, data reaches end data, and returns to start data.
[Example]
Start Data = 00, End Data = 09
Data flow: 00 01 02 03 04 05 06 07 08 09 09 08 07 06 05 04 03 02 01 00
*If you do not check this check box, data reaches end data, but does not return to start data.
[Example]
Start Data = 00, End Data = 09
Data flow: 00 01 02 03 04 05 06 07 08 09
If you want to write the input data to AK4104, click [OK] button. If not, click [Cancel] button.


Similar Part No. - AKD4104-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4104 AKM-AKD4104 Datasheet
510Kb / 20P
   192kHz 24-Bit 3.3V DIT
More results

Similar Description - AKD4104-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4104 AKM-AK4104 Datasheet
510Kb / 20P
   192kHz 24-Bit 3.3V DIT
AK4104 AKM-AK4104_10 Datasheet
382Kb / 21P
   192kHz 24-Bit 3.3V DIT
AK4103A AKM-AK4103A_09 Datasheet
403Kb / 27P
   192kHz 24-Bit DIT
AK4101A AKM-AK4101A Datasheet
317Kb / 29P
   QUAD OUTPUTS 192KHZ 24 BIT DIT
AK4346 AKM-AK4346 Datasheet
370Kb / 31P
   3.3V 192kHz 24-Bit 6-Channel DAC
AK4348 AKM-AK4348 Datasheet
377Kb / 31P
   3.3V 192kHz 24-Bit 8-Channel DAC
AK4345 AKM-AK4345 Datasheet
659Kb / 26P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC with DIT
AK4103A AKM-AK4103A Datasheet
298Kb / 26P
   192 KHZ 24 BIT DIT
AK4345 AKM-AK4345_10 Datasheet
488Kb / 27P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC with DIT
AK4430ET AKM-AK4430ET Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com