Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T436416D Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # T436416D
Description  4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T436416D Datasheet(HTML) 1 Page - Taiwan Memory Technology

  T436416D Datasheet HTML 1Page - Taiwan Memory Technology T436416D Datasheet HTML 2Page - Taiwan Memory Technology T436416D Datasheet HTML 3Page - Taiwan Memory Technology T436416D Datasheet HTML 4Page - Taiwan Memory Technology T436416D Datasheet HTML 5Page - Taiwan Memory Technology T436416D Datasheet HTML 6Page - Taiwan Memory Technology T436416D Datasheet HTML 7Page - Taiwan Memory Technology T436416D Datasheet HTML 8Page - Taiwan Memory Technology T436416D Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
TE
CH
tm
T436416D
TM Technology Inc. reserves the right
P. 1
Publication Date: FEB. 2007
to change products or specifications without notice.
Revision: A
SDRAM
4M x 16 SDRAM
1M x 16bit x 4Banks Synchronous DRAM
FEATURES
•••• Fast access time from clock: 4.5/5/5.4 ns
•••• Fast clock rate: 200/166/143 MHz
•••• Fully synchronous operation
•••• Internal pipelined architecture
•••• 1M word x 16-bit x 4-bank
•••• Programmable Mode registers
- CAS# Latency: 2, or 3
- Burst Length: 1, 2, 4, 8, or full page
- Burst Type: interleaved or linear burst
- Burst stop function
•••• Auto Refresh and Self Refresh
•••• 4096 refresh cycles/64ms
•••• CKE power down mode
•••• Single +3.3V ± 0.3V power supply
•••• Interface: LVTTL
•••• 54-pin 400 mil plastic TSOP II package
• 60-Ball, 6.4 mm x 10.1 mm TFBGA package
Key Specifications
T436416D
- 5/6/7
tCK3 Clock Cycle time(min.)
5/6/7 ns
tAC3 Access time from CLK(max.)
4.5/5/5.4/ ns
tRAS Row Active time(min.)
35/42/45 ns
tRC
Row Cycle time(min.)
50/60/63 ns
ORDERING INFORMATION
Part Number
Frequency
Package
T436416D-5S/-5C
200MHz
TSOP II / TFBGA
T436416D-5SG/-5CG
200MHz
TSOP II / TFBGA
T436416D-6S/-6C
166MHz
TSOP II / TFBGA
T436416D-6SG/-6CG
166MHz
TSOP II / TFBGA
T436416D-7S/-7C
143MHz
TSOP II / TFBGA
T436416D-7SG/-7CG
143MHz
TSOP II / TFBGA
S : indicates TSOPII Package,
C : indicates TFBGA Package,
G : indicates Pb Free Package
GRNERAL DESCRIPTION
The T436416D SDRAM is a high-speed CMOS
synchronous DRAM containing 64 Mbits. It is internally
configured as 4 Banks of 1M word x 16 DRAM with a
synchronous interface (all signals are registered on the
positive edge of the clock signal, CLK). Read and write
accesses to the SDRAM are burst oriented; accesses
start at a selected location and continue for a
programmed number of locations in a programmed
sequence. Accesses begin with the registration of a
BankActivate command which is then followed by a
Read or Write command.
The T436416D provides for programmable Read
or Write burst lengths of 1, 2, 4, 8, or full page, with a
burst termination option. An auto precharge function
may be enabled to provide a self-timed row precharge
that is initiated at the end of the burst sequence. The
refresh functions, either Auto or Self Refresh are easy to
use.
By having a programmable mode register, the
system can choose the most suitable modes to maximize
its performance. These devices are well suited for
applications requiring high memory bandwidth and
particularly well suited to high performance PC
applications.


Similar Part No. - T436416D

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T436416A TMT-T436416A Datasheet
712Kb / 29P
   4M X 16 SDRAM
T436416A-10S TMT-T436416A-10S Datasheet
712Kb / 29P
   4M X 16 SDRAM
T436416A-10SG TMT-T436416A-10SG Datasheet
712Kb / 29P
   4M X 16 SDRAM
T436416A-6S TMT-T436416A-6S Datasheet
712Kb / 29P
   4M X 16 SDRAM
T436416A-6SG TMT-T436416A-6SG Datasheet
712Kb / 29P
   4M X 16 SDRAM
More results

Similar Description - T436416D

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T436416C TMT-T436416C Datasheet
651Kb / 28P
   4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V561620 HYNIX-HY57V561620 Datasheet
151Kb / 13P
   4Banks x 4M x 16Bit Synchronous DRAM
logo
Taiwan Memory Technolog...
T4312816B TMT-T4312816B Datasheet
665Kb / 70P
   8M x 16 SDRAM 2M x 16bit x 4Banks Synchronous DRAM
T431616C TMT-T431616C Datasheet
720Kb / 30P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
T431616B TMT-T431616B Datasheet
567Kb / 31P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
T431616D TMT-T431616D Datasheet
756Kb / 74P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
logo
Hynix Semiconductor
HY5Y7A2DLM-HF HYNIX-HY5Y7A2DLM-HF Datasheet
939Kb / 26P
   4Banks x 4M x 32bits Synchronous DRAM
HY57V28820HCT-I HYNIX-HY57V28820HCT-I Datasheet
178Kb / 11P
   4Banks x 4M x 8bits Synchronous DRAM
logo
Samsung semiconductor
K4S561632C SAMSUNG-K4S561632C Datasheet
116Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com