Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4113-B Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AKD4113-B
Description  192kHz digital audio receiver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4113-B Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AKD4113-B Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4113-B Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4113-B Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4113-B Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4113-B Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4113-B Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4113-B Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4113-B Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4113-B Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ASAHI KASEI
[AKD4113-B]
<KM076501>
2004/11
- 7 -
Jumper set up.
No.
Jumper Name
Function
1
D3V/VD
Set-up of Power supply source for 74AC245.
D3V : D3V (default)
VD : VD
2
RX1
Set-up of RX1 input circuit.
OPT : Optical (default)
BNC : BNC
5,6
RX2-3
Set-up of RX2-3 input circuit.
7,8,9,10
RX4-7
RX4-7 set-up depending serial/parallel mode
RX4-7 : Serial mode (default)
DIF2-0,IPS0 : Parallel mode
11,12
DIR MCLK ,
DIT MCLK
MCKO set-up for PORT5(DIT) and PORT2(DIR)
MCKO1 : MCKO1 of AK4113
(default)
MCKO2 : MCKO2 of AK4113
13
TX0
Set-up of TX0 output circuit.
OPT : Optical (default)
BNC : BNC
18
SDA/CDTO
Set-up of SDA/CDTO pin.
4 wire Serial : CDTO/CM0=“H”. (default)
IIC : SDA and CM0=“L”
19
RX2/DIF0
Set-up depending serial/parallel mode
RX2: Serial mode (default)
DIF0: Parallel mode
20
IIC/FS96
Set-up depending serial/parallel mode
IIC: Serial mode (default)
FS96: Parallel mode
21
RX3/DIF1
Set-up depending serial/parallel mode
RX3: Serial mode (default)
DIF1: Parallel mode
22
RX4/DIF2
Set-up depending serial/parallel mode
RX4: Serial mode (default)
DIF2: Parallel mode
23
RX6/IPS
Set-up depending serial/parallel mode
RX6: Serial mode (default)
IPS: Parallel mode
24
RX4/IPS
Set-up depending serial/parallel mode
RX4: Serial mode (default)
IPS: Parallel mode
25
RX5/DIF0
Set-up depending serial/parallel mode
RX5: Serial mode (default)
DIF0: Parallel mode
26
RX6/DIF1
Set-up depending serial/parallel mode
RX6: Serial mode (default)
DIF1: Parallel mode


Similar Part No. - AKD4113-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4113 AKM-AKD4113 Datasheet
531Kb / 49P
   192KHZ 24BIT DIR WITH 6:1 SELECTOR
AKD4113 AKM-AKD4113 Datasheet
535Kb / 49P
   192KHZ 24BIT DIR WITH 6:1 SELECTOR
More results

Similar Description - AKD4113-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4116-B AKM-AKD4116-B Datasheet
235Kb / 19P
   192kHz digital audio receiver
AK4117 AKM-AK4117_10 Datasheet
475Kb / 37P
   Low Power 192kHz Digital Audio Receiver
AK4117 AKM-AK4117 Datasheet
342Kb / 36P
   LOW POWER 192KHZ DIGITAL AUDIO RECEIVER
logo
Texas Instruments
DIT4192 TI-DIT4192 Datasheet
339Kb / 22P
[Old version datasheet]   192kHz Digital Audio Transmitter
DIT4192 TI1-DIT4192_15 Datasheet
952Kb / 27P
[Old version datasheet]   192kHz Digital Audio Transmitter
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com