Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4116-B Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AKD4116-B
Description  192kHz digital audio receiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4116-B Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AKD4116-B Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4116-B Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4116-B Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4116-B Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4116-B Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4116-B Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4116-B Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4116-B Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4116-B Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ASAHI KASEI
[AKD4116-B]
<KM077400>
2005/01
- 8 -
Revision History
IMPORTANT NOTICE
• These products and their specifications are subject to change without notice. Before considering any use or
application, consult the Asahi Kasei Microsystems Co., Ltd. (AKM) sales office or authorized distributor
concerning their current status.
• AKM assumes no liability for infringement of any patent, intellectual property, or other right in the application
or use of any information contained herein.
• Any export of these products, or devices or systems containing them, may require an export license or other
official approval under the law and regulations of the country of export pertaining to customs and tariffs,
currency exchange, or strategic materials.
• AKM products are neither intended nor authorized for use as critical components in any safety, life support, or
other hazard related device or system, and AKM assumes no responsibility relating to any such use, except
with the express written consent of the Representative Director of AKM. As used here:
(a) A hazard related device or system is one designed or intended for life support or maintenance of safety or
for applications in medicine, aerospace, nuclear energy, or other fields, in which its failure to function or
perform may reasonably be expected to result in loss of life or in significant injury or damage to person or
property.
(b) A critical component is one whose failure to function or perform may reasonably be expected to result,
whether directly or indirectly, in the loss of the safety or effectiveness of the device or system containing
it, and which must therefore meet very high standards of performance and reliability.
• It is the responsibility of the buyer or distributor of an AKM product who distributes, disposes of, or otherwise
places the product with a third party to notify that party in advance of the above content and conditions, and the
buyer or distributor agrees to assume any and all responsibility and liability for and hold AKM harmless from
any and all claims arising from the use of said product in the absence of such notification.
Date
(YY/MM/DD)
Manual
Revision
Board
Revision
Reason
Contents
05/01/21
KM077400
0
First edition


Similar Part No. - AKD4116-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4116 AKM-AKD4116 Datasheet
232Kb / 19P
   AK4116 Evaluation Board Rev.0
More results

Similar Description - AKD4116-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4113-B AKM-AKD4113-B Datasheet
330Kb / 21P
   192kHz digital audio receiver
AK4117 AKM-AK4117_10 Datasheet
475Kb / 37P
   Low Power 192kHz Digital Audio Receiver
AK4117 AKM-AK4117 Datasheet
342Kb / 36P
   LOW POWER 192KHZ DIGITAL AUDIO RECEIVER
logo
Texas Instruments
DIT4192 TI-DIT4192 Datasheet
339Kb / 22P
[Old version datasheet]   192kHz Digital Audio Transmitter
DIT4192 TI1-DIT4192_15 Datasheet
952Kb / 27P
[Old version datasheet]   192kHz Digital Audio Transmitter
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com