Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T436416D-5CG Datasheet(PDF) 6 Page - Taiwan Memory Technology

Part # T436416D-5CG
Description  4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T436416D-5CG Datasheet(HTML) 6 Page - Taiwan Memory Technology

Back Button T436416D-5CG Datasheet HTML 2Page - Taiwan Memory Technology T436416D-5CG Datasheet HTML 3Page - Taiwan Memory Technology T436416D-5CG Datasheet HTML 4Page - Taiwan Memory Technology T436416D-5CG Datasheet HTML 5Page - Taiwan Memory Technology T436416D-5CG Datasheet HTML 6Page - Taiwan Memory Technology T436416D-5CG Datasheet HTML 7Page - Taiwan Memory Technology T436416D-5CG Datasheet HTML 8Page - Taiwan Memory Technology T436416D-5CG Datasheet HTML 9Page - Taiwan Memory Technology T436416D-5CG Datasheet HTML 10Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
TE
CH
tm
T436416D
TM Technology Inc. reserves the right
P. 6
Publication Date: FEB. 2007
to change products or specifications without notice.
Revision: A
Commands
1
BankActivate
(RAS# = "L", CAS# = "H", WE# = "H", BAs = Bank, A0-A11 = Row Address)
The BankActivate command activates the idle bank designated by the BA0,1 signals. By latching the row
address on A0 to A11 at the time of this command, the selected row access is initiated. The read or write
operation in the same bank can occur after a time delay of tRCD(min.) from the time of bank activation. A
subsequent BankActivate command to a different row in the same bank can only be issued after the previous
active row has been precharged (refer to the following figure). The minimum time interval between successive
BankActivate commands to the same bank is defined by tRC(min.). The SDRAM has four internal banks on the
same chip and shares part of the internal circuitry to reduce chip area; therefore it restricts the back-to-back
activation of the four banks. tRRD(min.) specifies the minimum time required between activating different banks.
After this command is used, the Write command and the Block Write command perform the no mask write
operation.
CLK
ADDRESS
T0
T1
T2
T3
Tn+3
Tn+4
Tn+5
Tn+6
..............
COMM AND
..............
..............
NOP
NOP
NOP
NOP
RAS# - CAS# delay (
tRCD)
RAS# - RAS# delay time (
tRRD)
RAS# Cycle time (
tRC)
Bank A
Row Addr.
Bank A
Col Addr.
Bank B
Row Addr.
Bank A
Row Addr.
Bank A
Activate
R/W A with
AutoPrecharge
Bank B
Activate
Bank A
Activate
AutoPrecharge
Begin
: "H" or "L"
BankActivate Command Cycle (Burst Length = n, CAS# Latency = 3)
2
BankPrecharge command
(RAS# = "L", CAS# = "H", WE# = "L", BAs = Bank, A10 = "L", A0-A9 and A11 = Don't care)
The BankPrecharge command precharges the bank designated by BA signal. The precharged bank is
switched from the active state to the idle state. This command can be asserted anytime after tRAS(min.) is
satisfied from the BankActivate command in the desired bank. The maximum time any bank can be active is
specified by tRAS(max.). Therefore, the precharge function must be performed in any active bank within
tRAS(max.). At the end of precharge, the precharged bank is still in the idle state and is ready to be activated
again.
3
PrechargeAll command
(RAS# = "L", CAS# = "H", WE# = "L", BAs = Don’t care, A10 = "H", A0-A9 and A11 = Don't care)
The PrechargeAll command precharges all banks simultaneously and can be issued even if all banks are
not in the active state. All banks are then switched to the idle state.
4
Read command
(RAS# = "H", CAS# = "L", WE# = "H", BAs = Bank, A10 = "L", A0-A7 = Column Address)
The Read command is used to read a burst of data on consecutive clock cycles from an active row in an
active bank. The bank must be active for at least tRCD(min.) before the Read command is issued. During read
bursts, the valid data-out element from the starting column address will be available following the CAS#
latency after the issue of the Read command. Each subsequent data-out element will be valid by the next
positive clock edge (refer to the following figure). The DQs go into high-impedance at the end of the burst
unless other command is initiated. The burst length, burst sequence, and CAS# latency are determined by the
mode register, which is already programmed. A full-page burst will continue until terminated (at the end of the
page it will wrap to column 0 and continue).


Similar Part No. - T436416D-5CG

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T436416A TMT-T436416A Datasheet
712Kb / 29P
   4M X 16 SDRAM
T436416A-10S TMT-T436416A-10S Datasheet
712Kb / 29P
   4M X 16 SDRAM
T436416A-10SG TMT-T436416A-10SG Datasheet
712Kb / 29P
   4M X 16 SDRAM
T436416A-6S TMT-T436416A-6S Datasheet
712Kb / 29P
   4M X 16 SDRAM
T436416A-6SG TMT-T436416A-6SG Datasheet
712Kb / 29P
   4M X 16 SDRAM
More results

Similar Description - T436416D-5CG

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T436416C TMT-T436416C Datasheet
651Kb / 28P
   4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V561620 HYNIX-HY57V561620 Datasheet
151Kb / 13P
   4Banks x 4M x 16Bit Synchronous DRAM
logo
Taiwan Memory Technolog...
T4312816B TMT-T4312816B Datasheet
665Kb / 70P
   8M x 16 SDRAM 2M x 16bit x 4Banks Synchronous DRAM
T431616C TMT-T431616C Datasheet
720Kb / 30P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
T431616B TMT-T431616B Datasheet
567Kb / 31P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
T431616D TMT-T431616D Datasheet
756Kb / 74P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
logo
Hynix Semiconductor
HY5Y7A2DLM-HF HYNIX-HY5Y7A2DLM-HF Datasheet
939Kb / 26P
   4Banks x 4M x 32bits Synchronous DRAM
HY57V28820HCT-I HYNIX-HY57V28820HCT-I Datasheet
178Kb / 11P
   4Banks x 4M x 8bits Synchronous DRAM
logo
Samsung semiconductor
K4S561632C SAMSUNG-K4S561632C Datasheet
116Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com