Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4358-B Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AKD4358-B
Description  digital audio interface that can interface with digital audio systems via opt-connector or RCA connector
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4358-B Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AKD4358-B Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4358-B Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4358-B Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4358-B Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4358-B Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4358-B Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4358-B Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4358-B Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4358-B Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
ASAHI KASEI
[AKD4358-B]
<KM070902>
2005/09
- 4 -
DIP Switch Setup
AK4114 is setup using DIP switch S2. Set-up of S2 is only needed for evaluation mode 1.
*ON is “H” and OFF is “L”.
No.
Pin
Default
Description
1
CM0
OFF
2
CM1
OFF
Clock Mode Setup
(Refer to the table 3.)
3
OCKS1
ON
4
OCKS0
OFF
MCLK Frequency Setup
(Refer to the table 4.)
5
DIF0
OFF
6
DIF1
OFF
7
DIF2
ON
Audio Data Format
(Refer to the table 5.)
Table 2. S2
CM1
(SW3-2)
CM0
(SW3-1)
MCKO
SDTO
OFF
OFF
TORX or BNC
TORX or BNC
OFF
ON
X’tal
“0” data
Table 3. AK4114 Clock Mode Setup
LRCK
OCKS1
(SW3-3)
OCKS0
(SW3-4)
MCLK
Normal
Double
OFF
OFF
256fs
Yes
Yes
ON
OFF
512fs
Yes
No
Table 4. AK4114 MCLK Frequency Setup
LRCK
BICK
Mode
DIF2
DIF1
DIF0
DAUX
SDTO
I/O
I/O
0
0
0
0
24bit, Left justified
16bit, Right justified
H/L
O
64fs
O
1
0
0
1
24bit, Left justified
18bit, Right justified
H/L
O
64fs
O
2
0
1
0
24bit, Left justified
20bit, Right justified
H/L
O
64fs
O
3
0
1
1
24bit, Left justified
24bit, Right justified
H/L
O
64fs
O
4
1
0
0
24bit, Left justified
24bit, Left justified
H/L
O
64fs
O
5
1
0
1
24bit, I
2S
24bit, I
2S
L/H
O
64fs
O
6
1
1
0
24bit, Left justified
24bit, Left justified
H/L
I
64-128fs
I
7
1
1
1
24bit, I
2S
24bit, I
2S
L/H
I
64-128fs
I
Table 5. AK4114 Audio Data Format
AK4358 is setup using DIP switch S3.
*ON is “H” and OFF is “L”.
No.
Pin
Default
Description
1
CAD0
OFF
Chip address setup
2
CAD1
OFF
Chip address setup (I
2C only)
3
I2C
OFF
I2C pin select
OFF: 3wire, ON I
2C
4
DIF0
OFF
DIF0pin select
5
ACKSN
OFF
ACKSN pin select
Table 6. S3


Similar Part No. - AKD4358-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4358 AKM-AKD4358 Datasheet
457Kb / 35P
   192 KHZ 24 BIT 8 CH DAC WITH DSD INPUT
AKD4358 AKM-AKD4358 Datasheet
398Kb / 36P
   192kHz 24-Bit 8ch DAC with DSD Input
More results

Similar Description - AKD4358-B

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
ISD3800FYI TALEMA-ISD3800FYI Datasheet
468Kb / 25P
   Digital ChipCorder with Digital Audio Interface
logo
Nuvoton Technology Corp...
ISD15D00 NUVOTON-ISD15D00 Datasheet
690Kb / 26P
   Digital ChipCorder with Digital Audio Interface
ISD3800 NUVOTON-ISD3800 Datasheet
881Kb / 26P
   Digital ChipCorder with Digital Audio Interface
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Texas Instruments
PCM9211 TI1-PCM9211_16 Datasheet
1Mb / 125P
[Old version datasheet]   Digital Audio Interface Transceiver
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
   Digital Audio Interface Transceiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com