Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1712A Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD1712A
Description  RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1712A Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD1712A_05 Datasheet HTML 1Page - Advanced Linear Devices ALD1712A_05 Datasheet HTML 2Page - Advanced Linear Devices ALD1712A_05 Datasheet HTML 3Page - Advanced Linear Devices ALD1712A_05 Datasheet HTML 4Page - Advanced Linear Devices ALD1712A_05 Datasheet HTML 5Page - Advanced Linear Devices ALD1712A_05 Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
* N/C Pin is connected internally. Do not connect externally.
GENERAL DESCRIPTION
The ALD1712 is a monolithic precision operational amplifier intended
primarily for a wide range of analog applications in +5V single power supply
and
±5V dual power supply systems as well as +6V to 12V battery operated
systems. All device characteristics are specified for +5V single supply or
±2.5V dual supply systems. It is manufactured with Advanced Linear
Devices' enhanced ACMOS silicon gate CMOS process and is available as
a standard cell in ALD's ASIC "Function-Specific" library.
The device has an input stage that operates to +300mV above and -300mV
below the supply voltages with no adverse effects and/or phase reversals.
The ALD1712 has been developed specifically with the 5V single supply or
±2.5V dual supply user in mind. Several important characteristics of the
device make many applications easy to implement for these supply
voltages. First, the operational amplifier can operate with rail-to-rail input
and output voltages. This feature allows numerous analog serial stages to
be implemented without losing operating voltage margin. Secondly, the
device was designed to accommodate mixed applications where digital
and analog circuits may work off the same 5V power supply. Thirdly, the
output stage can drive up to 400pF capacitive, and 1K
Ω resistive loads in
non-inverting unity gain connection, and up to 4000pF at a gain of 5. These
features, coupled with extremely low input currents, high voltage gain,
useful bandwidth of 1.5MHz, slew rate of 2.1V/
µs, low power dissipation,
low offset voltage and temperature drift, make the ALD1712 a truly
versatile, user friendly, operational amplifier.
On-chip offset voltage trimming allows the device to be used without nulling
in most applications. The device offers typical offset drift of less than 5
µV/
°C which eliminates many trim or temperature compensation circuits. For
precision applications, the 1712 is designed to settle to 0.01% in 8
µs. The
unique characteristics at input and output are modeled in an available
macromodel.
FEATURES
• Linear mode operation with input voltages
300mV beyond supply rails
• Symmetrical complementary output drive
• Output voltages to within 2mV of power
supply rails
• High load capacitance capability --
4000pF typical
• No frequency compensation required --
unity gain stable
• Extremely low input bias currents --
0.01pA typical
• Dual power supply
±2.5V to ±6.0V
• Single power supply +5V to +12V
• High voltage gain – typically 85V/mV
@
±2.5V and 250V/mV @ ±5.0V
• Drive as low as 1K
Ω load with 5mA
drive current
• Output short circuit protected
• Unity gain bandwidth of 1.5MHz
• Slew rate of 2.1V/
µs
APPLICATIONS
• Voltage amplifier
• Voltage follower/buffer
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable instruments
• Signal conditioning circuits
• Sensor and transducer amplifiers
• Low leakage amplifiers
• Active filters
• Sample/Hold amplifier
• Picoammeter
• Current to voltage converter
• Coaxial cable driver
PIN CONFIGURATION
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712A/ALD1712B
ALD1712
ADVANCED
LINEAR
DEVICES, INC.
1
2
2
3
4
8
7
6
5
TOP VIEW
DA, PA, SA PACKAGE
N/C
-IN
+IN
N/C
OUT
N/C
V-
VS
ORDERING INFORMATION
Operating Temperature Range
-55
°C to +125°C0°C to +70°C0°C to +70°C
8-Pin
8-Pin
8-Pin
CERDIP
Small Outline
Plastic Dip
Package
Package (SOIC)
Package
ALD 1712A DA
ALD 1712 ASA
ALD 1712A PA
ALD 1712B DA
ALD 1712 BSA
ALD 1712B PA
ALD 1712 DA
ALD 1712 SA
ALD 1712 PA
* Contact factory for industrial temperature range
© 2005.1 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com


Similar Part No. - ALD1712A_05

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1712ADA ALD-ALD1712ADA Datasheet
47Kb / 6P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712ADA ALD-ALD1712ADA Datasheet
85Kb / 9P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1712ADA ADL-ALD1712ADA Datasheet
85Kb / 9P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD1712APA ALD-ALD1712APA Datasheet
47Kb / 6P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712APAL ALD-ALD1712APAL Datasheet
85Kb / 9P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
More results

Similar Description - ALD1712A_05

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1712 ALD-ALD1712_10 Datasheet
85Kb / 9P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1712A ADL-ALD1712A Datasheet
85Kb / 9P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD1712 ALD-ALD1712 Datasheet
47Kb / 6P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1702A ALD-ALD1702A_10 Datasheet
81Kb / 9P
   5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1702A ALD-ALD1702A Datasheet
45Kb / 6P
   5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1702A ADL-ALD1702A Datasheet
81Kb / 9P
   5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
logo
STMicroelectronics
TS507 STMICROELECTRONICS-TS507_08 Datasheet
280Kb / 20P
   High precision rail-to-rail operational amplifier
TS507 STMICROELECTRONICS-TS507 Datasheet
190Kb / 9P
   High Precision Rail-to-Rail Operational Amplifier
logo
National Semiconductor ...
LMP2011 NSC-LMP2011 Datasheet
688Kb / 16P
   High Precision, Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
AD8698 AD-AD8698 Datasheet
317Kb / 20P
   Dual Precision, Rail-to-Rail Output Operational Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com