Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD2302ADA Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD2302ADA
Description  DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2302ADA Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD2302ADA Datasheet HTML 1Page - Advanced Linear Devices ALD2302ADA Datasheet HTML 2Page - Advanced Linear Devices ALD2302ADA Datasheet HTML 3Page - Advanced Linear Devices ALD2302ADA Datasheet HTML 4Page - Advanced Linear Devices ALD2302ADA Datasheet HTML 5Page - Advanced Linear Devices ALD2302ADA Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ALD2302A/ALD2302
Advanced Linear Devices
3
TYPICAL PERFORMANCE CHARACTERISTICS
SATURATION VOLTAGE vs.
SINK CURRENT
OUTPUT SINK CURRENT (mA)
0
1530
4560
75
1.5
1.2
0.9
0.6
0.3
0.0
VS = ±2.5V
-55
°C
25
°C
-25
°C
85
°C
125
°C
TIM E (
µs)
0.0
0.1
0.2
0.4
0.3
0.6
0.5
0.7
RESPONSE TIME FOR VARIOUS
INPUT OVERDRIVES
+2.5
0
100
0.0
-2.5
10mV
20mV
50mV
TA = 25°C
VS = ±2.5V
TTL
0V
VIN
V+
V-
VOUT
+
-
TRANSFER FUNCTION
DIFFERENTIAL INPUT VOLTAGE (mV)
+6.0
-6.0
0.0
+2.5
0.0
-2.5
TA = 25°C
VS = ±6V
COMMON - MODE VOLTAGE REFERRED
TO SUPPLY VOLTAGE
TEMPERATURE (
°C)
0.5
V+
-0.5
-1.0
0.5
V-
-0.5
-55
-25
0
25
50
125
100
75
VS = ± 2.5 V
SATURATION VOLTAGE
vs. TEMPERATURE
TEM PERATURE (
°C)
-55
-25
0
25
50
125
100
75
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
VS = ± 2.5V
I SINK = 50mA
TIM E (
µs)
0.0
0.1
0.2
0.4
0.3
0.6
0.5
0.7
RESPONSE TIME FOR VARIOUS
INPUT OVERDRIVES
+2.5
100
0
0.0
-2.5
TTL
50mV
20mV
10mV
TA = 25°C
VS = ±2.5V
0V
VIN
V+
V-
VOUT
+
-


Similar Part No. - ALD2302ADA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2302ADA ALD-ALD2302ADA Datasheet
56Kb / 6P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2302ADA ALD-ALD2302ADA Datasheet
75Kb / 9P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2302ADA ALD-ALD2302ADA Datasheet
77Kb / 9P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
2019
More results

Similar Description - ALD2302ADA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2332 ALD-ALD2332 Datasheet
90Kb / 11P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2302 ALD-ALD2302_10 Datasheet
75Kb / 9P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2332A ALD-ALD2332A Datasheet
90Kb / 11P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2302A ALD-ALD2302A_V01 Datasheet
77Kb / 9P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
2019
ALD2302A ALD-ALD2302A Datasheet
56Kb / 6P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302A ALD-ALD4302A_05 Datasheet
47Kb / 6P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302 ALD-ALD4302_10 Datasheet
78Kb / 9P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302A ALD-ALD4302A Datasheet
57Kb / 6P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
logo
National Semiconductor ...
LMV762 NSC-LMV762 Datasheet
350Kb / 12P
   Low Voltage, Precision Comparator with Push-Pull Output
logo
Texas Instruments
LMV761 TI1-LMV761_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Voltage, Precision Comparator With Push-Pull Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com