Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4396-SBW Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AKD4396-SBW
Description  192kHz sampling 24Bit ?誇 DAC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4396-SBW Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AKD4396-SBW Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4396-SBW Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4396-SBW Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4396-SBW Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4396-SBW Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4396-SBW Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4396-SBW Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4396-SBW Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4396-SBW Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
ASAHI KASEI
[AKD4396-SBW]
<KM078102>
3
2005/06
Evaluation mode
1.
DIR(COAX) (default)
J1 is used for the evaluation using such as CD test disk. The DIR generates MCLK, BICK and LRCK SDATA from the
received data through BNC connector (J1). Setting of jumper is shown below.
COAX is recommended for an evaluation of the Sound quality.
JP1
OPT
COAX
BNC
(Default)
Figure 2 Jumper setting, when using DIR
2.
DIR(Optical Link)
PORT1 is used for the evaluation using such as CD test disk. The DIR generates MCLK, BICK and LRCK SDATA from the
received data through
optical connector (PORT2: TORX176). Setting of jumper is shown below.
JP1
OPT
COAX
PORT2
Figure 3 Jumper setting, when using DIR
3.
All clocks are fed through the PORT1.
-R9, R12, R13, R14 :
open
-R10, R15, R19, R20 : 100
Ω or short (0 Ω)
DIP Switch setting
[SW2]: AK4113 setting
No.
Pin
OFF
ON
Default
1
OCKS1
ON
2
OCKS0
AK4113 Master Clock setting
Refer to Table4
OFF
Table 2 SW2 setting
[SW3]: AK4396 setting
No.
Pin
OFF
ON
Default
1
-
2
P/S
Serial mode (Note)
Parallel mode
ON
Note : When using the serial mode, R5 and R17 should be removed.
Table 3 SW3 setting


Similar Part No. - AKD4396-SBW

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4396 AKM-AKD4396 Datasheet
423Kb / 38P
   Advanced Multi-Bit 192kHz 24-Bit ?誇 DAC
AKD4396 AKM-AKD4396 Datasheet
293Kb / 30P
   Evaluation board
More results

Similar Description - AKD4396-SBW

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4395-SBW AKM-AKD4395-SBW Datasheet
282Kb / 30P
   192kHz sampling 24Bit ?誇 DAC
AKD4384-SC AKM-AKD4384-SC Datasheet
450Kb / 32P
   192kHz sampling 24Bit ?誇 DAC
AKD4388-SB AKM-AKD4388-SB Datasheet
443Kb / 26P
   192kHz sampling 24Bit ?誇 DAC
AKD4341-SB AKM-AKD4341-SB Datasheet
419Kb / 23P
   192kHz sampling 24Bit ?誇 DAC
AKD4340-SB AKM-AKD4340-SB Datasheet
340Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
AKD4382A-SB AKM-AKD4382A-SB Datasheet
482Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
AKD4385-SC AKM-AKD4385-SC Datasheet
320Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
AKD4394 AKM-AKD4394_07 Datasheet
531Kb / 32P
   192kHz sampling 24Bit ?誇 DAC.
AKD4387-SB AKM-AKD4387-SB Datasheet
282Kb / 26P
   192kHz sampling 24Bit DAC
AKD4380 AKM-AKD4380_04 Datasheet
230Kb / 21P
   96kHz sampling 24Bit?誇DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com