Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4528 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AKD4528
Description  24Bit A/D & D/A converter
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4528 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AKD4528_05 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4528_05 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4528_05 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4528_05 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4528_05 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4528_05 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4528_05 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4528_05 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4528_05 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
ASAHI KASEI
[AKD4528]
<KM063101>
2005/11
- 5 -
Set-up SW1
[SW1]: Set-up AK4528. Upper is “ON”(“H”), Lower is “OFF”(“L”)
(For further details, refer to the datasheet.)
No.
Name
Default
OFF
ON
1
P/S
ON
Serial mode
Parallel mode (Default)
2
DEM1
OFF
3
DEM0
ON
Set up de-emphasis (Default: OFF)
(Refer to the datasheet.)
4
DFS
OFF
Normal speed (Default)
Double speed
5
DIF
ON
MSB justified
I
2S (Default)
6
CKS1
OFF
7
CKS0
OFF
Set up Master clock frequency in case of the parallel mode
(Default: 256fs) (Refer to the datasheet.)
Table 5. Set up SW1
Set up Registers and Device pins of AK4528
The register setting uses the control software. (For further details, refer to the datasheet.)
1. Set up Parallel/Serial mode control
When P/S= “H”, the AK4528 becomes to the parallel mode. DIF pin selects the audio interface format, and DFS, CKS1,
and CKS0 pins select the master clock frequency.
When P/S= “L”, the AK4528 becomes to the serial mode. The CKS1, CKS0 and DIF pins are changed to CDTI, CCLK
and CSN pins respectively. The DEM1, DEM0 and DFS are ORed between pins and register respectively, so those are
able to control by pins even in serial mode. When all the functions are controlled by register, DEM1, DEM0 and DFS pins
should be set to “L”.
2. Set up Master clock frequency
(a) In case of serial mode
CMODE
bit
CKS1
bit
CKS0
bit
MCLK
Normal Speed
(DFS bit = “0”)
MCLK
Double Speed
(DFS bit = “1”)
0
0
0
256fs
N/A
(Default)
0
0
1
512fs
256fs
0
1
0
1024fs
512fs
1
0
0
384fs
N/A
1
0
1
768fs
384fs
Table 6. Set up Master clock frequency in case of serial mode
(b) In case of parallel mode
CKS1
Pin
(SW1-6)
CKS0
Pin
(SW1-7)
MCLK
Normal Speed
(DFS pin = “L”)
MCLK
Double Speed
(DFS pin = “H”)
L
L
256fs
N/A
(Default)
L
H
512fs
256fs
H
L
384fs
N/A
H
H
1024fs
512fs
Table 7. Set up Master clock frequency in case of parallel mode


Similar Part No. - AKD4528_05

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4528 AKM-AKD4528 Datasheet
284Kb / 29P
   HIGH PERFORMANCE 24BIT 96KHZ AUDIO CODEC
AKD4528 AKM-AKD4528 Datasheet
302Kb / 38P
   EVALUATION BOARD FOR AK4528 REV.C
AKD4528 AKM-AKD4528 Datasheet
304Kb / 29P
   High Performance 24Bit 96kHz Audio CODEC
More results

Similar Description - AKD4528_05

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4620B-B AKM-AKD4620B-B_06 Datasheet
663Kb / 63P
   24Bit A/D & D/A converter
AKD4556-B AKM-AKD4556-B Datasheet
746Kb / 45P
   24Bit A/D & D/A converter.
AKD4552-A AKM-AKD4552-A Datasheet
329Kb / 33P
   24bit A/D and D/A converter,
AKD5386-B-06 AKM-AKD5386-B-06 Datasheet
590Kb / 25P
   24bit 192kHz A/D converter
AKD5381-B AKM-AKD5381-B Datasheet
173Kb / 20P
   24bit 96kHz A/D converter
AKD5393 AKM-AKD5393_05 Datasheet
885Kb / 23P
   professional audio 24bit A/D converter
AKD4359-SC AKM-AKD4359-SC Datasheet
393Kb / 33P
   the 24bit 8ch D/A converter.
AKD5384 AKM-AKD5384_05 Datasheet
269Kb / 23P
   24bit 96kHz 4ch A/D converter
AKD5358A-B AKM-AKD5358A-B Datasheet
196Kb / 20P
   digital audio 24bit 96kHz A/D converter
AKD5366 AKM-AKD5366_07 Datasheet
492Kb / 32P
   digital audio 24bit 48kHz A/D converter,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com