Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4584 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AKD4584
Description  the 24bit 96kHz CODEC
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4584 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AKD4584_06 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4584_06 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4584_06 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4584_06 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4584_06 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4584_06 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4584_06 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4584_06 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4584_06 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
ASAHI KASEI
[AKD4584]
<KM065801>
2006/06
- 9 -
(1-4) All interfacing signal (MCLK, BICK, LRCK) are fed from the external circuit
Using PORT6 (ROM). Nothing should be connected to J7 (RX), PORT1 (DIR) and PORT5 (DIR). Remove the
X’tal (X1). JP6 (EXT) should be short. In normal speed, double speed mode and quad speed mode, JP1 (MCKO),
JP4 (MCLK), JP5 (BCFS) and JP7 (LRFS) should be open.
JP10
MCLK
JP3
XTI
JP14
LRCK
JP6
EXT
JP11
BICK
EXT
DIR
JP15
SDTI
ADC
DIR
EXT
DIR
• SW2 (MODE) setting (See Table 1)
(1) When XTALE is “H”, MCLK can output from MCKO1/2 pins though AK4584 is powered down.
(2) When DMCK is “H”, MCKO1 output is disabled.
H
L
1 234 5
8
67
9 10


Similar Part No. - AKD4584_06

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4584 AKM-AKD4584 Datasheet
366Kb / 41P
   Evaluation board Rev.A for AK4584
AKD4584 AKM-AKD4584 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
More results

Similar Description - AKD4584_06

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4524 AKM-AK4524 Datasheet
320Kb / 31P
   24BIT 96KHZ AUDIO CODEC
AK4552 AKM-AK4552 Datasheet
112Kb / 15P
   3V 96KHZ 24BIT CODEC
AK4524 AKM-AK4524_12 Datasheet
367Kb / 32P
   24Bit 96kHz Audio CODEC
AK4524 AKM-AK4524_04 Datasheet
327Kb / 31P
   24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_12 Datasheet
281Kb / 30P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_04 Datasheet
304Kb / 29P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528 Datasheet
284Kb / 29P
   HIGH PERFORMANCE 24BIT 96KHZ AUDIO CODEC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
   96kHz Sampling 24Bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com