Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4631-VN Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AKD4631-VN
Description  16bit mono CODEC with MIC/SPK amplifier.
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4631-VN Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AKD4631-VN Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4631-VN Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4631-VN Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4631-VN Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4631-VN Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4631-VN Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4631-VN Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4631-VN Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4631-VN Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
ASAHI KASEI
[AKD4631-VN]
<KM077302>
2005/12
- 3 -
(1) Evaluation of loop-back mode (A/D → D/A) : PLL, Master Mode (Default)
a) Set up jumper pins of MCKI clock
“MCKPD bit” in the AK4631-VN should be set to “0”.
X’tal of 11.2896MHz, 12MHz, 12.288MHz, 13MHz, 24MHz or 27MHz can be set in X2. X’tal of 11.2896MHz
(Default) is set on the AKD4631-VN. Set “No.8 of SW3” to “H”.
When an external clock (11.2896MHz, 12MHz, 12.288MHz, 13MHz, 24MHz or 27MHz) through a RCA
connector (J8: EXT/BICK) is supplied, select EXT on JP21 (MCLK_SEL) and short JP17 (XTE). JP23 (EXT1)
and R26 should be properly selected in order to much the output impedance of the clock generator.
b) Set up jumper pins of BICK clock
Output frequency (16fs/32fs/64fs) of BICK should be set by “BCKO1-0 bit” in the AK4631-VN.
There is no necessity for set up JP19.
c) Set up jumper pins of FCK clock
d) Set up jumper pins of DATA
When the AK4631VN is evaluated by loop-back mode (A/D
→ D/A), the jumper pins should be set to the
following.
JP17
XTE
MCLK_SEL
JP21
JP18
MKFS
256fs 512fs 1024fs
XTL DIR
EXT
MCKO
JP6
MCKI
JP22
FCK_SEL
2fs
EXT
JP28
FCK
ADC
DIR
1fs
JP26
4631_SDTI
ADC
DAC/LOOP
JP30
SDTI
DIR
ADC
JP29
JP20
BICK
JP27
BICK_INV
THR
INV
DIR ADC
BICK
THR
INV
BICK_SEL
JP19
EXT
16fs
32fs
64fs


Similar Part No. - AKD4631-VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4631-VN AKM-AKD4631-VN Datasheet
1Mb / 43P
   AK4631-VN Evaluation board Rev.0
More results

Similar Description - AKD4631-VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4633-A AKM-AKD4633-A Datasheet
910Kb / 38P
   16bit mono CODEC with MIC/SPK amplifier.
AKD4634-A AKM-AKD4634-A Datasheet
1Mb / 46P
   16bit mono CODEC with MIC/SPK/VIDEO amplifier.
AK4534 AKM-AK4534 Datasheet
421Kb / 64P
   16Bit CODEC with MIC/HP/SPK-AMP
AK4640 AKM-AK4640 Datasheet
634Kb / 76P
   16BIT CODEC WITH MIC /HP/SPK-AMPl
AK4637EN AKM-AK4637EN Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC/SPK-AMP
AK4637 AKM-AK4637 Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC - SPK-AMP
AK4538 AKM-AK4538 Datasheet
462Kb / 70P
   16Bit DS CODEC with MIC/HP/SPK-AMP
AK4651 AKM-AK4651 Datasheet
588Kb / 66P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP
AK4650 AKM-AK4650 Datasheet
868Kb / 86P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP & TSC
AK4560A AKM-AK4560A Datasheet
320Kb / 47P
   16bit CODEC with ALC and MIC/HP/SPK-Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com