Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4683 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4683
Description  24bit CODEC that has two channels of ADC and four channels of DAC with internal DIR, DIT
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4683 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4683 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
ASAHI KASEI
[AKD4683-B]
<KM080901>
2006/05
- 6 -
Set-up DIP switch (SW2)
No.
Name
ON (“H”)
OFF (“L”)
Default
1
DIF0
OFF
2
DIF1
ON
3
DIF2
Setting of AK4114 Audio Interface Format
(Refer Table 12.)
ON
4
CM0
OFF
5
CM1
Selection of AK4114 Clock Mode (Clock Source)
(Refer Table 13.)
OFF
6
OCKS0
OFF
7
OCKS1
Selection of AK4114 Master Clock Output frequency
(Refer Table 14.)
OFF
8
I2C
I2C-bus control mode
4-wire serial control mode
OFF
Table 11. Set up modes of AK4114 (U5) and AK4683 (U1)
LRCK
BICK
Mode
DIF2
DIF1
DIF0
DAUX
SDTO
I/O
I/O
0
0
0
0
24bit, Left justified
16bit, Right justified
H/L
O
64fs
O
1
0
0
1
24bit, Left justified
18bit, Right justified
H/L
O
64fs
O
2
0
1
0
24bit, Left justified
20bit, Right justified
H/L
O
64fs
O
3
0
1
1
24bit, Left justified
24bit, Right justified
H/L
O
64fs
O
4
1
0
0
24bit, Left justified
24bit, Left justified
H/L
O
64fs
O
5
1
0
1
24bit, I2S
24bit, I2S
L/H
O
64fs
O
6
1
1
0
24bit, Left justified
24bit, Left justified
H/L
I
64-128fs
I
<Default>
7
1
1
1
24bit, I2S
24bit, I2S
L/H
I
64-128fs
I
Table 12. AK4114 Audio Interface Format
Mode
CM1
CM0
UNLOCK
PLL
X'tal
Clock source
SDTO
0
0
0
-
ON
ON (Note1)
PLL
RX
<Default>
1
0
1
-
OFF
ON
X'tal
DAUX
2
0
ON
ON
PLL
RX
1
0
1
ON
ON
X'tal
DAUX
3
1
1
-
ON
ON
X'tal
DAUX
Table 13. AK4114 Clock Mode (Clock Source)
No.
OCKS1
OCKS0
MCKO1 MCKO2
X’tal
fs (max)
0
0
0
256fs
256fs
256fs
96 kHz
<Default>
1
0
1
256fs
128fs
256fs
96 kHz
2
1
0
512fs
256fs
512fs
48 kHz
3
1
1
128fs
64fs
128fs
192 kHz
Table 14. AK4114 Master Clock Output Frequency
Toggle switch
[SW3] (PDN):
Switch for power down reset of AK4683 (U1). Keep “H” during operation of AK4683 (U1).
Power down reset of AK4683 will be done by setting SW3 (PDN) to “L” once, after power on.
[SW1] (AK4114-PDN): Switch for power down reset of AK4114 (U5). Keep “H” during operation of AK4114 (U5).
Power down reset of AK4114 (U5) will be done by setting SW1 to “L” once, after power on.
LED indication
[LE1] (INT):
LED for output of AK4683 (U1): INT. It turns on when output of AK4683 (U1): INT is “H”.
[LED1] (ERF):
LED for output of AK4114 (U5): INT0.It turns on when output of AK4114 (U5): INT0 is “H”.


Similar Part No. - AK4683

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4683 AKM-AK4683 Datasheet
1Mb / 82P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683 AKM-AK4683 Datasheet
980Kb / 83P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683EQ AKM-AK4683EQ Datasheet
1Mb / 82P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683EQ AKM-AK4683EQ Datasheet
1Mb / 84P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683EQ AKM-AK4683EQ Datasheet
980Kb / 83P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
More results

Similar Description - AK4683

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4682-A AKM-AKD4682-A Datasheet
1Mb / 51P
   24bit CODEC that has two channels of ADC and four channels of DAC
AKD4589-B AKM-AKD4589-B Datasheet
2Mb / 51P
   gle chip 24bit CODEC that has two channels of ADC
AKD4628A-B AKM-AKD4628A-B Datasheet
501Kb / 44P
   single chip CODEC that includes two channels of ADC and eight channels of DAC.
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
logo
Analog Devices
ADAU1772 AD-ADAU1772 Datasheet
6Mb / 117P
   Four ADC, Two DAC Low Power Codec
logo
Asahi Kasei Microsystem...
AK4353 AKM-AK4353 Datasheet
254Kb / 33P
   96kHz 24BIT DAC WITH DIT
logo
Analog Devices
ADAU1777 AD-ADAU1777_17 Datasheet
1Mb / 109P
   Four-ADC, Two-DAC, Low Power Codec
logo
Asahi Kasei Microsystem...
AK4364 AKM-AK4364 Datasheet
265Kb / 34P
   96kHz 24BIT DAC WITH PLL AND DIT
logo
Suzhou Everest Semicond...
ES7210 EVEREST-ES7210 Datasheet
1Mb / 11P
   High Performance Four Channels Audio ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com