Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML1490 Datasheet(PDF) 7 Page - LANSDALE Semiconductor Inc.

Part # ML1490
Description  RF/IF/Audio Amplifier Wideband Amplifier With AGC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML1490 Datasheet(HTML) 7 Page - LANSDALE Semiconductor Inc.

  ML1490 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.lansdale.com
Page 7 of 8
Issue A
LANSDALE Semiconductor, Inc.
ML1490
DESCRIPTION OF SPEECH COMPRESSOR
The amplifier drives the base of a PNP transistor operating
common–emitter with a voltage gain of approximately 20. The
control R1 varies the quiescent Q point of this transistor so
that varying amounts of signal exceed the level Vr. Diode D1
rectifies the positive peaks of Q1's output only when these
peaks are greater than Vr ≈ 7.0 V. The resulting output is fil-
tered by Cx, Rx.
Rx controls the charging time constant or attack time. Cx is
involved in both charge and discharge. R2 (the 150 k
Ω and
input resistance of the emitter–follower Q2) controls the decay
time. Making the decay long and attack short is accomplished
by making Rx small and R2 large. (A Darlington emitter–fol-
lower may be needed if extremely slow decay times are
required.)
The emitter–follower Q2 drives the AGC Pin 5 of the
ML1490PP and reduces the gain. R3 controls the slope of sig-
nal compression.
Table 1. Distortion versus Frequency
Frequency
Distortion
Distortion
Frequency
10 mV ei
100 mV ei
10 mV ei
100 mV ei
100 Hz
3.5%
12%
15%
27%
300 Hz
2%
10%
6%
20%
1.0 kHz
1.5%
8%
3%
9%
10 kHz
1.5%
8%
1%
3%
100 kHz
1.5%
8%
1%
3%
Notes 1 and 2
Notes 3 and 4
Notes:
(1)
Decay = 300 ms
(3)
Decay = 20 ms
Attack = 20 ms
Attack = 3.0 ms
(2)
Cx = 7.5 µF
(4)
Cx = 0.68 µF
Rx = 0 (Short)
Rx = 1.5 kΩ
5
Figure 24. Speech Compressor
ML1490
25
µF
0.001
1.0 k
1.0 k
+12 V
2
4
6
1
3
8
10
µF
10
µF
Output
+12 V
+12 V
2.2 k
220
15
µF
Input
15
µF
R3
15 k
Q2
2N3904
+12 V
7
Q1
2N3906
4.7 k
150 k
R2
Cx
Rx
D1
6.8 k
R1
100 k
33 k
Vr


Similar Part No. - ML1490

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML1490 LANSDALE-ML1490 Datasheet
534Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
ML1490PP LANSDALE-ML1490PP Datasheet
534Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
ML1490 LANSDALE-ML1490_08 Datasheet
534Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
More results

Similar Description - ML1490

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML1490 LANSDALE-ML1490_08 Datasheet
534Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
logo
Motorola, Inc
MC1590G MOTOROLA-MC1590G Datasheet
517Kb / 8P
   RF/IF/AUDIO AMPLIFIER
logo
Zarlink Semiconductor I...
ZL10060 ZARLINK-ZL10060 Datasheet
312Kb / 38P
   MOPLL with IF AGC Amplifier
SL6140 ZARLINK-SL6140 Datasheet
476Kb / 10P
   400MHZ WIDEBAND AGC AMPLIFIER
logo
Mitel Networks Corporat...
SL6140 MITEL-SL6140 Datasheet
171Kb / 10P
   400MHz Wideband AGC Amplifier
logo
List of Unclassifed Man...
ISG510067 ETC1-ISG510067 Datasheet
209Kb / 7P
   DTV IF AGC AMPLIFIER
logo
SIRENZA MICRODEVICES
S510067 SIRENZA-S510067 Datasheet
163Kb / 6P
   DTV IF AGC AMPLIFIER
logo
List of Unclassifed Man...
PS20063 ETC2-PS20063 Datasheet
858Kb / 39P
   Image Reject MOPLL with IF AGC Amplifier
PS20060 ETC2-PS20060 Datasheet
1Mb / 39P
   MOPLL with IF AGC Amplifier Preliminary Information
logo
TriQuint Semiconductor
TGA1342-SCC TRIQUINT-TGA1342-SCC_15 Datasheet
119Kb / 7P
   2 20 GHz Wideband AGC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com