Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS8H100 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPS8H100
Description  High voltage power Schottky rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS8H100 Datasheet(HTML) 7 Page - STMicroelectronics

  STPS8H100 Datasheet HTML 1Page - STMicroelectronics STPS8H100 Datasheet HTML 2Page - STMicroelectronics STPS8H100 Datasheet HTML 3Page - STMicroelectronics STPS8H100 Datasheet HTML 4Page - STMicroelectronics STPS8H100 Datasheet HTML 5Page - STMicroelectronics STPS8H100 Datasheet HTML 6Page - STMicroelectronics STPS8H100 Datasheet HTML 7Page - STMicroelectronics STPS8H100 Datasheet HTML 8Page - STMicroelectronics STPS8H100 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
STPS8H100
Package information
7/9
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 6.
TO-220FPAC Dimensions
REF.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.70
0.018
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.205
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.393
0.409
L2
16 Typ.
0.63 Typ.
L3
28.6
30.6
1.126
1.205
L4
9.8
10.6
0.386
0.417
L5
2.9
3.6
0.114
0.142
L6
15.9
16.4
0.626
0.646
L7
9.00
9.30
0.354
0.366
Dia.
3.00
3.20
0.118
0.126
H
A
B
Dia
L7
L6
L5
F1
F
D
E
L4
G1
G
L2
L3


Similar Part No. - STPS8H100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS8H100 STMICROELECTRONICS-STPS8H100 Datasheet
90Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS8H100D STMICROELECTRONICS-STPS8H100D Datasheet
90Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS8H100D STMICROELECTRONICS-STPS8H100D Datasheet
139Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS8H100DEE STMICROELECTRONICS-STPS8H100DEE Datasheet
90Kb / 8P
   High voltage power Schottky rectifier
STPS8H100D STMICROELECTRONICS-STPS8H100D_02 Datasheet
139Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

Similar Description - STPS8H100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com