Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS8H100G-TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS8H100G-TR
Description  High voltage power Schottky rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS8H100G-TR Datasheet(HTML) 3 Page - STMicroelectronics

  STPS8H100G-TR Datasheet HTML 1Page - STMicroelectronics STPS8H100G-TR Datasheet HTML 2Page - STMicroelectronics STPS8H100G-TR Datasheet HTML 3Page - STMicroelectronics STPS8H100G-TR Datasheet HTML 4Page - STMicroelectronics STPS8H100G-TR Datasheet HTML 5Page - STMicroelectronics STPS8H100G-TR Datasheet HTML 6Page - STMicroelectronics STPS8H100G-TR Datasheet HTML 7Page - STMicroelectronics STPS8H100G-TR Datasheet HTML 8Page - STMicroelectronics STPS8H100G-TR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STPS8H100
Characteristics
3/9
Figure 3.
Normalized avalanche power
derating versus junction
temperature
Figure 4.
Average forward current versus
ambient temperature,
δ = 0.5,
(TO-220AC, D2PAK)
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM
0
20
40
60
80
100
120
140
160
180
0
2
4
6
8
10
Tamb(°C)
IF(av)(A)
Rth(j-a)=15°C/W
Rth(j-a)=Rth(j-c)
T
δ=tp/T
=tp/T
tp
tp
Figure 5.
Average forward current versus
ambient temperature,
δ = 0.5,
(TO-220FPAC)
Figure 6.
Non repetitive surge peak
forward current versus overload
duration - maximum values, per
diode (TO-220AC, D2PAK)
0
20
40
60
80
100
120
140
160
180
0
2
4
6
8
10
Rth(j-a)=50°C/W
Rth(j-a)=Rth(j-c)
Tamb(°C)
IF(av)(A)
T
δ=tp/T
=tp/T
tp
tp
1E-3
1E-2
1E-1
1E+0
0
20
40
60
80
100
120
140
160
t(s)
IM(A)
Tc=75°C
Tc=100°C
Tc=125°C
IM
t
δ=0.5
Figure 7.
Non repetitive surge peak forward
current versus overload duration
- maximum values (TO-220FPAC)
Figure 8.
Relative variation of thermal
impedance junction to case versus
pulse duration (TO-220AC, D2PAK)
1E-3
1E-2
1E-1
1E+0
0
10
20
30
40
50
60
70
80
90
100
Tc=75°C
Tc=100°C
Tc=125°C
t(s)
IM(A)
IM
t
δ=0.5
1E-4
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
δ = 0.1
δ = 0.2
δ = 0.5
Single pulse
T
δ=tp/T
=tp/T
tp
tp


Similar Part No. - STPS8H100G-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS8H100G-TR STMICROELECTRONICS-STPS8H100G-TR Datasheet
90Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS8H100G-TR STMICROELECTRONICS-STPS8H100G-TR Datasheet
139Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

Similar Description - STPS8H100G-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com