Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50WQ04FN Datasheet(PDF) 5 Page - International Rectifier

Part # 50WQ04FN
Description  SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

50WQ04FN Datasheet(HTML) 5 Page - International Rectifier

  50WQ04FN Datasheet HTML 1Page - International Rectifier 50WQ04FN Datasheet HTML 2Page - International Rectifier 50WQ04FN Datasheet HTML 3Page - International Rectifier 50WQ04FN Datasheet HTML 4Page - International Rectifier 50WQ04FN Datasheet HTML 5Page - International Rectifier 50WQ04FN Datasheet HTML 6Page - International Rectifier 50WQ04FN Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
50WQ04FNPbF
Bulletin PD-21092 rev. B 08/06
5
www.irf.com
50WQ04FN
THIS IS A 50WQ04FN
LOT CODE 8024
INTERNATIONAL
ASSEMBLY
LOT CODE
LOGO
RECTIFIER
X = SITE ID
DATE CODE
WEEK 02
P = LEAD-FREE
PART NUMBER
ASSEMBLED ON WW 02, 2003
YEAR 3 = 2003
Part Marking Information
Outline Table
Modified JEDEC outline TO-252AA
Dimensions in millimeters and (inches)


Similar Part No. - 50WQ04FN

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50WQ04FN IRF-50WQ04FN Datasheet
559Kb / 5P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
50WQ04FN VISHAY-50WQ04FN Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
logo
Sangdest Microelectroni...
50WQ04FN SMC-50WQ04FN Datasheet
151Kb / 5P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
50WQ04FN SMCDIODE-50WQ04FN Datasheet
309Kb / 4P
   50WQ04FN SCHOTTKY RECTIFIER
Rev. A
logo
Inchange Semiconductor ...
50WQ04FN ISC-50WQ04FN Datasheet
290Kb / 2P
   Schottky Rectifier
More results

Similar Description - 50WQ04FN

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com