Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50WQ04FNTR Datasheet(PDF) 1 Page - International Rectifier

Part # 50WQ04FNTR
Description  SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

50WQ04FNTR Datasheet(HTML) 1 Page - International Rectifier

  50WQ04FNTR Datasheet HTML 1Page - International Rectifier 50WQ04FNTR Datasheet HTML 2Page - International Rectifier 50WQ04FNTR Datasheet HTML 3Page - International Rectifier 50WQ04FNTR Datasheet HTML 4Page - International Rectifier 50WQ04FNTR Datasheet HTML 5Page - International Rectifier 50WQ04FNTR Datasheet HTML 6Page - International Rectifier 50WQ04FNTR Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
I
F(AV) Rectangular
5.5
A
waveform
V
RRM
40
V
I
FSM @ tp = 5 μs sine
340
A
V
F
@5 Apk, T
J = 125°C
0.44
V
T
J
range
- 40 to 150
°C
SCHOTTKY RECTIFIER
5.5 Amp
50WQ04FNPbF
Bulletin PD-21092 rev. B 08/06
1
www.irf.com
Major Ratings and Characteristics
Characteristics
Values
Units
Description/ Features
The 50WQ04FNPbF surface mount Schottky rectifier has
been designed for applications requiring low forward drop and
small foot prints on PC board. Typical applications are in disk
drives, switching power supplies, converters, free-wheeling
diodes, battery charging, and reverse battery protection.
Popular D-PAK outline
Small foot print, surface moutable
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Lead-Free ("PbF" suffix)
Case Styles
IF(AV) = 5.5Amp
VR = 40V
Anode
1
3
Base
Cathode
Anode
4, 2
D-PAK (TO-252AA)


Similar Part No. - 50WQ04FNTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50WQ04FNTR IRF-50WQ04FNTR Datasheet
559Kb / 5P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
50WQ04FNTR VISHAY-50WQ04FNTR Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
logo
International Rectifier
50WQ04FNTRL IRF-50WQ04FNTRL Datasheet
559Kb / 5P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
50WQ04FNTRL VISHAY-50WQ04FNTRL Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
50WQ04FNTRLPBF VISHAY-50WQ04FNTRLPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
More results

Similar Description - 50WQ04FNTR

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com