Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML3371EP Datasheet(PDF) 11 Page - LANSDALE Semiconductor Inc.

Part # ML3371EP
Description  Low Power Narrowband FM IF
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML3371EP Datasheet(HTML) 11 Page - LANSDALE Semiconductor Inc.

Back Button ML3371EP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 14Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 15Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
www.lansdale.com
Page 11 of 19
Issue A
LANSDALE Semiconductor, Inc.
ML3371, ML3372
CIRCUIT DESCRIPTION
The ML3371 and ML3372 are low power narrowband FM
receivers with an operating frequency of up to 60 MHz. Its low
voltage design provides low power drain, excellent sensitivity,
and good image rejection in narrowband voice and data link
applications.
This part combines a mixer, an IF (intermediate frequency)
limiter with a logarithmic response signal strength indicator, a
quadrature detector, an active filter and a squelch trigger cir-
cuit. In a typical application, the mixer amplifier converts an
RF input signal to a 455 kHz IF signal. Passing through an
external bandpass filter, the IF signal is fed into a limiting
amplifier and detection circuit where the audio signal is recov-
ered. A conventional quadrature detector is used.
The absence of an input signal is indicated by the presence of
noise above the desired audio frequencies. This “noise band” is
monitored by an active filter and a detector. A squelch switch is
used to mute the audio when noise or a tone is present. The
input signal level is monitored by a meter drive circuit which
detects the amount of IF signal in the limiting amplifier.
LEGACY APPLICATIONS INFORMATION
The oscillator is an internally biased Colpitts type with the
collector, base, and emitter connections at Pins 4, 1 and 2
respectively. This oscillator can be run under crystal control.
For fundamental mode crystals use crystal characterized paral-
lel resonant for 32 pF load. For higher frequencies, use 3rd
overtone series mode type crystals. The coil (L2) and resistor
RD (R13) are needed to ensure proper and stable operation at
the LO frequency (see Figure 13, 45 MHz application circuit).
The mixer is doubly balanced to reduce spurious radiation.
Conversion gain stated in the AC Electrical Characteristic sta-
ble is typically 20 dB. This power gain measurement was made
under stable conditions using a 50
Ω source at the input and an
external load provided by a 455 kHz ceramic filter at the mixer
output which is connected to the VCC (Pin 4) and IF input
(Pin 5). The filter impedance closely matches the1.8 k
Ω inter-
nal load resistance at Pin 3 (mixer output). Since the input
impedance at Pin 16 is strongly influenced by a 3.3 k
Ω inter-
nal biasing resistor and has a low capacitance, the useful gain
is actually much higher than shown by the standard power gain
measurement. The Smith Chart plot in Figure 17 shows the
measured mixer input impedance versus input frequency with
the mixer input matched to a 50
Ω source impedance at the
given frequencies. In order to assure stable operation under
matched conditions, it is necessary to provide a shunt resistor
to ground. Figures 11, 12 and 13 show the input networks used
to derive the mixer input impedance data.
Following the mixer, a ceramic bandpass filter is recom-
mended for IF filtering (i.e. 455 kHz types having a bandwidth
of ±2.0 kHz to ±15 kHz with an input and output impedance
from 1.5 k
Ω to 2.0 kΩ). The 6 stage limiting IF amplifier has
approximately 92 dB of gain. The MC3371 and MC3372 are
different in the limiter and quadrature detector circuits. The
MC3371 has a 1.8 k
Ω and a 51 kΩ resistor providing internal
dc biasing and the output of the limiter is internally connected,
both directly and through a 10 pF capacitor to the quadrature
detector; whereas, in the MC3372 these components are not
provided internally. Thus, in the MC3371, no external compo-
nents are necessary to match the 455 kHz ceramic filter, while
in the MC3372, external 1.8 k
Ω and 51 kΩ biasing resistors
are needed between Pins 5 and 7, respectively (see Figures 12
and 13).
In the MC3371, a parallel LCR quadrature tank circuit is
connected externally from Pin 8 to VCC (similar to the
MC3361). In the MC3372, a quadrature capacitor is needed
externally from Pin 7 to Pin 8 and a parallel LC or a ceramic
discriminator with a damping resistor is also needed from Pin
8 to VCC (similar to the MC3357). The above external quadra-
ture circuitry provides 90° phase shift at the IF center frequen-
cy and enables recovered audio.
The damping resistor determines the peak separation of the
detector and is somewhat critical. As the resistor is decreased, the
separation and the bandwidth is increased but the recovered
audio is decreased. Receiver sensitivity is dependent on the value
of this resistor and the bandwidth ofthe 455 kHz ceramic filter.
On the chip the composite recovered audio, consisting of
carrier component and modulating signal, is passed through a
low pass filter amplifier to reduce the carrier component and
then is fed to Pin 9 which has an output impedance of 450
Ω.
The signal still requires further filtering to eliminate the carrier
component, deemphasis, volume control, and further amplifi-
cation before driving a loudspeaker. The relative level of the
composite recovered audio signal at Pin 9 should be consid-
ered for proper interaction with an audio post amplifier and a
given load element. The MC13060 is recommended as a low
power audio amplifier.
The meter output indicates the strength of the IF level and
the output current is proportional to the logarithm of the IF
input signal amplitude. A maximum source current of 60 µA is
available and can be used to drive a meter and to detect a carri-
er presence. This is referred to as a Received Strength Signal
Indicator (RSSI). The output at Pin 13 provides a current
source. Thus, a resistor to ground yields a voltage proportional
to the input carrier signal level. The value of this resistor is
estimated by (VCC(Vdc) – 1.0 V)/60 µA; so for VCC = 4.0
Vdc, the resistor is approximately 50 k
Ω and provides a maxi-
mum voltage swing of about 3.0 V.
A simple inverting op amp has an output at Pin 11 and the
inverting input at Pin 10. The noninverting input is connected
to 2.5 V. The op amp may be used as a noise triggered squelch
or as an active noise filter. The bandpass filter is designed with
external impedance elements to discriminate between frequen-
cies. With an external AM detector, the filtered audio signal is
checked for a tone signal or for the presence of noise above the
normal audio band. This information is applied to Pin 12.


Similar Part No. - ML3371EP

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML3371EP LANSDALE-ML3371EP Datasheet
892Kb / 19P
   Low Power Narrowband FM IF
More results

Similar Description - ML3371EP

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CM5018 CERAMATE-CM5018 Datasheet
917Kb / 6P
   Low Power Narrowband FM IF
logo
Motorola, Inc
MC3361 MOTOROLA-MC3361 Datasheet
156Kb / 6P
   LOW POWER NARROWBAND FM IF
MC3361B MOTOROLA-MC3361B Datasheet
209Kb / 8P
   Low Power Narrowband FM IF
logo
LANSDALE Semiconductor ...
ML3371 LANSDALE-ML3371_08 Datasheet
892Kb / 19P
   Low Power Narrowband FM IF
logo
Sanyo Semicon Device
LA8604M SANYO-LA8604M Datasheet
136Kb / 8P
   Narrowband FM IF Stage
LA8608V SANYO-LA8608V Datasheet
310Kb / 14P
   1.8 V Low-Voltage Narrowband FM-IF System
logo
Motorola, Inc
MC3335 MOTOROLA-MC3335 Datasheet
118Kb / 6P
   Low Power Narrowband FM Receiver
logo
LANSDALE Semiconductor ...
ML13150 LANSDALE-ML13150 Datasheet
1Mb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Motorola, Inc
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Sanyo Semicon Device
LA8615M SANYO-LA8615M Datasheet
305Kb / 11P
   Narrowband FM IF Amplifiers for Pager Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com