Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50WQ04FNTRLPBF Datasheet(PDF) 7 Page - International Rectifier

Part # 50WQ04FNTRLPBF
Description  SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

50WQ04FNTRLPBF Datasheet(HTML) 7 Page - International Rectifier

  50WQ04FNTRLPBF Datasheet HTML 1Page - International Rectifier 50WQ04FNTRLPBF Datasheet HTML 2Page - International Rectifier 50WQ04FNTRLPBF Datasheet HTML 3Page - International Rectifier 50WQ04FNTRLPBF Datasheet HTML 4Page - International Rectifier 50WQ04FNTRLPBF Datasheet HTML 5Page - International Rectifier 50WQ04FNTRLPBF Datasheet HTML 6Page - International Rectifier 50WQ04FNTRLPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
50WQ04FNPbF
Bulletin PD-21092 rev. B 08/06
7
www.irf.com
IR WORLD HEADQUARTERS:
233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 05/06
Data and specifications subject to change without notice.
This product has been designed and qualified for AEC Q101 Level and Lead-Free.
Qualification Standards can be found on IR's Web site.
Ordering Information Table
50
W
Q
04
FN TRL PbF
Device Code
1
5
2
4
3
6
1
-
Current Rating (5.5A)
2
-
Package Identifier
4
W = D-Pak
3
-
Schottky "Q" Series
4
-
Voltage Rating (04 = 40V)
5
-
FN = TO-252AA
6
-
none = Tube (50 pieces)
TR = Tape & Reel
TRL = Tape & Reel (Left Oriented)
TRR = Tape & Reel (Right Oriented)
7
-
none = Standard Production
PbF = Lead-Free
7


Similar Part No. - 50WQ04FNTRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
50WQ04FNTRLPBF VISHAY-50WQ04FNTRLPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
50WQ04FNTRLPBF VISHAY-50WQ04FNTRLPBF Datasheet
130Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 14-Jan-11
More results

Similar Description - 50WQ04FNTRLPBF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com