Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z80-V101 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ20Z80-V101
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z80-V101 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ20Z80-V101_07 Datasheet HTML 3Page - Texas Instruments BQ20Z80-V101_07 Datasheet HTML 4Page - Texas Instruments BQ20Z80-V101_07 Datasheet HTML 5Page - Texas Instruments BQ20Z80-V101_07 Datasheet HTML 6Page - Texas Instruments BQ20Z80-V101_07 Datasheet HTML 7Page - Texas Instruments BQ20Z80-V101_07 Datasheet HTML 8Page - Texas Instruments BQ20Z80-V101_07 Datasheet HTML 9Page - Texas Instruments BQ20Z80-V101_07 Datasheet HTML 10Page - Texas Instruments BQ20Z80-V101_07 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
www.ti.com
FUNCTIONAL DESCRIPTION
OSCILLATOR FUNCTION
SYSTEM PRESENT OPERATION
GENERAL OPERATION
BATTERY PARAMETER MEASUREMENTS
bq20z80-V101
SLUS625D – SEPTEMBER 2004 – REVISED OCTOBER 2005
Within the functional description of the bq20z80 System Management Bus (SMBus), commands are prefixed with
SBS. and data flash variables are prefixed with DF: and are both italicized in full. For example:
SBS.RemainingCapacity( ) and DF:Fast Charge Current.
The oscillator of the bq20z80 can be set up for internal or external operation. On power up, the bq20z80
automatically attempts to start the internal oscillator. If a 100-k
Ω resistor is not connected to ROSC (pin 33), then
it attempts to start the oscillator using an external 32.768-kHz crystal.
NOTE:
Install either the 100-k
Ω ROSC resistor or the 12-pF, 32.768-kHz crystal. Do not
install both.
The performance of the internal oscillator depends on the tolerance of the 100-k
Ω resistor between RSOC (pin
33) and VSSA (pin 34). Choose a resistor with a tolerance of
±0.1%, and 50-ppm or better temperature drift.
Place this resistor as close as possible to the bq20z80. If a 12-pF crystal is used, place it as close as possible to
the XCK1 (pin 34) and XCK2 (pin 33) pins. If not properly implemented, the PCB layout in this area can degrade
oscillator performance.
The bq20z80 periodically (1 s) pulls the PU output high. Connect this pin to the PRES pin of the bq20z80 via a
resistor of approximately 5 k
Ω. The bq20z80 measures the PRES input during the PU-active period to determine
its state.
The bq20z80 detects that the battery is present in the system via a low state on the PRES input. When this
occurs, the bq20z80 enters normal operating mode and sets the PRES bit in SBS.OperationStatus( ). When the
pack is removed from the system and the PRES input is high, the bq20z80 enters the battery-removed state,
disabling the charge and discharge FETs, and enabling the 0-V/precharging FET. If DF:Operation Cfg B [NR] is
set, the PRES input is ignored and can be left floating.
NAME
CLASS / SUBCLASS
FORMAT
VALID RANGE
SIZE (BYTES)
UNITS
DEFAULT VALUE
Operation Cfg B
Configuration / Registers (64)
Hex
0x0000 to 0xffff
2
N/A
0x6140
The bq20z80 determines battery capacity by monitoring individual cell voltages and the amount of charge input
or removed from a rechargeable battery. In addition, the bq20z80 measures individual cell voltages, pack
voltage, temperature, and current using features of the bq29312A analog front end (AFE) device and calculates
individual cell impedances using collected data.
The bq20z80 measures charge/discharge activity by monitoring the voltage across a small-value series sense
resistor (5 m
Ω to 20 mΩ typ.) between the cell stack negative terminal and the negative terminal of the battery
pack. When an applications load is applied, impedance of each cell is measured by comparing its Open Circuit
Voltage (OCV) obtained for the present state of charge using a predefined OCV(SOC) function with measured
voltage under load.
The bq20z80 interfaces with the bq29312A to perform battery protection, cell balancing, and voltage translation
functions. The bq20z80 can accept inputs of up to two identical NTC thermistors (default is Semitec 103AT) for
temperature measurement, or can also be configured to use its internal temperature sensor. The bq20z80 uses
temperature to monitor the battery-pack environment.
The bq20z80 uses an integrating delta-sigma analog-to-digital converter (ADC) for current measurement, and a
second delta-sigma ADC for individual cell and battery voltage, and temperature measurement. The individual
cell and pack voltages, SBS.CellVoltagex( ), SBS.Voltage( ), SBS.Current( ), SBS.AverageCurrent( ), and
SBS.Temperature( ) are updated at 1-second intervals during normal operation.
7


Similar Part No. - BQ20Z80-V101_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z80-V101 TI-BQ20Z80-V101 Datasheet
1Mb / 73P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V101 TI-BQ20Z80-V101 Datasheet
517Kb / 28P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TM TECHNOLOGY FOR USE WITH THE BQ29312A
More results

Similar Description - BQ20Z80-V101_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z80-V102 TI-BQ20Z80-V102_08 Datasheet
410Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80 TI-BQ20Z80 Datasheet
482Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V101 TI-BQ20Z80-V101 Datasheet
1Mb / 73P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V102 TI-BQ20Z80-V102_07 Datasheet
517Kb / 28P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TM TECHNOLOGY FOR USE WITH THE BQ29312A
BQ20Z80-V102 TI-BQ20Z80-V102 Datasheet
800Kb / 24P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK-TM TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z90-V150 TI1-BQ20Z90-V150 Datasheet
300Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBTR-V150 TI-BQ20Z90DBTR-V150 Datasheet
274Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI-BQ20Z40 Datasheet
463Kb / 18P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI-BQ20Z90_07 Datasheet
672Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI1-BQ20Z40_17 Datasheet
294Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com