Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24314DSJ Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ24314DSJ
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24314DSJ Datasheet(HTML) 2 Page - Texas Instruments

  BQ24314DSJ Datasheet HTML 1Page - Texas Instruments BQ24314DSJ Datasheet HTML 2Page - Texas Instruments BQ24314DSJ Datasheet HTML 3Page - Texas Instruments BQ24314DSJ Datasheet HTML 4Page - Texas Instruments BQ24314DSJ Datasheet HTML 5Page - Texas Instruments BQ24314DSJ Datasheet HTML 6Page - Texas Instruments BQ24314DSJ Datasheet HTML 7Page - Texas Instruments BQ24314DSJ Datasheet HTML 8Page - Texas Instruments BQ24314DSJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
PACKAGE DISSIPATION RATINGS
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
bq24314
bq24316
SLUS763C – JULY 2007 – REVISED OCTOBER 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
DEVICE(2)
OVP THRESHOLD
PACKAGE
MARKING
bq24314DSG
5.85 V
2mm x 2mm SON CBV
bq24314DSJ
5.85 V
4mm x 3mm SON CBX
bq24316DSG
6.80 V
2mm x 2mm SON CBW
bq24316DSJ
6.80 V
4mm x 3mm SON BZC
(1)
For the most current package and ordering information, see the
Package Option Addendum at the end of this document, or see the
TI website at www.ti.com.
(2)
To order a 3000 pcs reel add R to the part number, or to order a 250
pcs reel add T to the part number.
PART NO.
PACKAGE
RθJC
RθJA
BQ24314DSG
2
×2 SON
5
°C/W
75
°C/W
BQ24316DSG
BQ24314DSJ
4
×3 SON
5
°C/W
40
°C/W
BQ24316DSJ
over operating free-air temperature range (unless otherwise noted)
PARAMETER
PIN
VALUE
UNIT
IN (with respect to VSS)
–0.3 to 30
Input voltage
OUT (with respect to VSS)
–0.3 to 12
V
ILIM, FAULT, CE, VBAT (with respect to VSS)
–0.3 to 7
Input current
IN
2.0
A
Output current
OUT
2.0
A
Output sink current
FAULT
15
mA
Junction temperature, TJ
–40 to 150
°C
Storage temperature, TSTG
–65 to 150
°C
Lead temperature (soldering, 10 seconds)
300
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground terminal unless otherwise noted.
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Input voltage range
3.3
26
V
IIN
Input current, IN pin
1.5
A
IOUT
Output current, OUT pin
1.5
A
RILIM
OCP Programming resistor
15.0
90.0
k
TJ
Junction temperature
0
125
°C
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): bq24314 bq24316


Similar Part No. - BQ24314DSJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24314DSJ TI-BQ24314DSJ Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314DSJR TI1-BQ24314DSJR Datasheet
1Mb / 26P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC
BQ24314DSJRG4 TI1-BQ24314DSJRG4 Datasheet
1Mb / 26P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC
BQ24314DSJT TI1-BQ24314DSJT Datasheet
1Mb / 26P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC
BQ24314DSJTG4 TI1-BQ24314DSJTG4 Datasheet
1Mb / 26P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC
More results

Similar Description - BQ24314DSJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGT TI1-BQ24314ADSGT Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300 Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24313 TI-BQ24313 Datasheet
1Mb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314A TI-BQ24314A Datasheet
856Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGR TI1-BQ24314ADSGR Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com