Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24316DSG Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ24316DSG
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24316DSG Datasheet(HTML) 3 Page - Texas Instruments

  BQ24316DSG Datasheet HTML 1Page - Texas Instruments BQ24316DSG Datasheet HTML 2Page - Texas Instruments BQ24316DSG Datasheet HTML 3Page - Texas Instruments BQ24316DSG Datasheet HTML 4Page - Texas Instruments BQ24316DSG Datasheet HTML 5Page - Texas Instruments BQ24316DSG Datasheet HTML 6Page - Texas Instruments BQ24316DSG Datasheet HTML 7Page - Texas Instruments BQ24316DSG Datasheet HTML 8Page - Texas Instruments BQ24316DSG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
bq24314
bq24316
SLUS763C – JULY 2007 – REVISED OCTOBER 2007
over junction temperature range 0
°C ≤ T
J ≤ 125°C and recommended supply voltage (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
IN
Under-voltage lock-out, input
VUVLO
CE = Low, VIN increasing from 0V to 3V
2.6
2.7
2.8
V
power detected threshold
VHYS-UVLO
Hysteresis on UVLO
CE = Low, VIN decreasing from 3V to 0V
200
260
300
mV
Deglitch time, input power
CE = Low. Time measured from VIN 0V → 5V 1μs rise-time,
TDGL(PGOOD)
8
ms
detected status
to output turning ON
CE = Low, No load on OUT pin,
IDD
Operating current
400
600
μA
VIN = 5V, RILIM = 25kΩ
ISTDBY
Standby current
CE = High, VIN = 5.0V
65
95
μA
INPUT TO OUTPUT CHARACTERISTICS
VDO
Drop-out voltage IN to OUT
CE = Low, VIN = 5V, IOUT = 1A
170
280
mV
INPUT OVERVOLTAGE PROTECTION
Input overvoltage
bq24314
5.71
5.85
6.00
V
VOVP
protection
CE = Low, VIN increasing from 5V to 7.5V
bq24316
6.60
6.80
7.00
V
threshold
tPD(OVP)
Input OV propagation delay(1)
CE = Low
1
μs
VHYS-OVP
Hysteresis on OVP
CE = Low, VIN decreasing from 7.5V to 5V
25
60
110
mV
Recovery time from input
CE = Low, Time measured from
tON(OVP)
8
ms
overvoltage condition
VIN 7.5V → 5V, 1μs fall-time
INPUT OVERCURRENT PROTECTION
Input overcurrent protection
IOCP
300
1500
mA
threshold range
Input overcurrent protection
CE = Low, RILIM = 25kΩ
IOCP
930
1000
1070
mA
threshold
Blanking time, input overcurrent
tBLANK(OCP)
176
μs
detected
Recovery time from input
tREC(OCP)
64
ms
overcurrent condition
BATTERY OVERVOLTAGE PROTECTION
Battery overvoltage protection
CE = Low, VIN > 4.4V
BVOVP
4.30
4.35
4.4
V
threshold
VHYS-BOVP
Hysteresis on BVOVP
CE = Low, VIN > 4.4V
200
275
320
mV
DSG
VBAT = 4.4V, TJ = 25°C
10
Package
Input bias current
IVBAT
nA
on VBAT pin
DSJ
VBAT = 4.4V, TJ = 85°C
10
Package
Deglitch time, battery overvoltage CE = Low, VIN > 4.4V. Time measured from VVBAT rising from
TDGL(BOVP)
176
μs
detected
4.1V to 4.4V to FAULT going low.
THERMAL PROTECTION
TJ(OFF)
Thermal shutdown temperature
140
150
°C
TJ(OFF-HYS)
Thermal shutdown hysteresis
20
°C
LOGIC LEVELS ON CE
VIL
Low-level input voltage
0
0.4
V
VIH
High-level input voltage
1.4
V
IIL
Low-level input current
VCE = 0V
1
μA
IIH
High-level input current
VCE = 1.8V
15
μA
LOGIC LEVELS ON FAULT
VOL
Output low voltage
ISINK = 5mA
0.2
V
IHI-Z
Leakage current, FAULT pin HI-Z VFAULT = 5V
10
μA
(1)
Not tested in production. Specified by design.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): bq24314 bq24316


Similar Part No. - BQ24316DSG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24316DSG TI-BQ24316DSG Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24316DSGR TI-BQ24316DSGR Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24316DSGR TI1-BQ24316DSGR Datasheet
1Mb / 26P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC
BQ24316DSGRG4 TI1-BQ24316DSGRG4 Datasheet
1Mb / 26P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC
BQ24316DSGT TI1-BQ24316DSGT Datasheet
1Mb / 26P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC
More results

Similar Description - BQ24316DSG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGT TI1-BQ24314ADSGT Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300 Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24313 TI-BQ24313 Datasheet
1Mb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314A TI-BQ24314A Datasheet
856Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGR TI1-BQ24314ADSGR Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com