Electronic Components Datasheet Search |
|
HS-3182 Datasheet(PDF) 3 Page - Intersil Corporation |
|
HS-3182 Datasheet(HTML) 3 Page - Intersil Corporation |
3 / 7 page 3 FN2963.2 June 5, 2007 Absolute Maximum Ratings Thermal Information Voltage Between +V and -V Terminals . . . . . . . . . . . . . . . . . . . .40V V1. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7V VREF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6V Logic Input Voltage . . . . . . . . . . . . . . . . . . . GND -0.3V to V1 +0.3V ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1 Output Short Circuit Duration. . . . . . . . . . . . . . . . . . . . . . . . (Note 1) Output Over-Voltage Protection . . . . . . . . . . . . . . . . . . . . . . (Note 2) Operating Conditions Operating Voltage +V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +15V ±10% -V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -15V ±10% V1. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V ±5% VREF (For ARINC 429) . . . . . . . . . . . . . . . . . . . . . . . . . . 5V ±5% Operating Temperature Range HS-3182-9+ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C HS-3182-8 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C Thermal Resistance (Typical) θ JA (°C/W) θ JC (°C/W) SBDIP Package . . . . . . . . . . . . . . . . . . 75 18 CLCC Package . . . . . . . . . . . . . . . . . . 60 14 Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +175°C Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp Die Characteristics Number of Transistors or Gates . . . . . . . . . . . . . . . . . . . . . . . . . 133 CAUTION: Stresses above those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. Extended operation above recommended operating conditions could result in decreased reliability. The Absolute Maximum Ratings are stress only ratings and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.” NOTE: 1. Heat sink may be required for 100k bits/s at +125°C and output short circuit at +125°C. 2. The fuses used for output overvoltage protection may be blown by a fault at each output of greater than ±6.5V relative to GND. DC Electrical Specifications DC PARAMETER SYMBOL (NOTE 3) CONDITIONS MIN MAX UNITS Supply Current +V (Operating) ICCOP (+V) No Load (0k to 100k bits/s) - 16 mA Supply Current -V (Operating) ICCOP (-V) No Load (0k to 100k bits/s) -16 - mA Supply Current V1 (Operating) ICCOP (V1) No Load (0k to 100k bits/s) - 975 mA Supply Current VREF (Operating) ICCOP (VREF) No Load (0k to 100k bits/s) -1.0 - mA Logic “1” Input Voltage VIH 2.0 - V Logic “0” Input Voltage VIL -0.5 V Output Voltage High (Output to GND) VOH No Load (0k to 100k bits/s) VREF (-250mV) VREF (+250mV) Output Voltage Low (Output to GND) VOL No Load (0k to 100k bits/s) -VREF (-250mV) -VREF (+250mV) Output Voltage Null VNULL No Load (0k to 100k bits/s) -250 +250 mV Input Current (Input Low) IIL -20 - mA Input Current (Input High) IIH -10 mA Output Short Circuit Current (Output High) IOHSC Short to GND - -80 mA Output Short Circuit Current (Output Low) IOLSC Short to GND 80 - mA Output Impedance ZO TA = +25°C 60 90 Ω NOTE: 3. +V = +15V ±10%, -V = -15V ±10%, V1 = VREF = 5V ±5%, unless otherwise specified TA = -40°C to +85°C for HS-3182-9+ and TA = -55°C to +125°C for HS-3182-8. HS-3182 |
Similar Part No. - HS-3182 |
|
Similar Description - HS-3182 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |