Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML12034 Datasheet(PDF) 4 Page - LANSDALE Semiconductor Inc.

Part # ML12034
Description  2.0 GHz Dual Modulus Prescaler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12034 Datasheet(HTML) 4 Page - LANSDALE Semiconductor Inc.

  ML12034 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12034 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12034 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12034 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12034 Datasheet HTML 5Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.lansdale.com
Page 4 of 5
Issue A
LANSDALE Semiconductor, Inc.
ML12034
Figure 7 shows a generic block diagram of connecting a prescaler to a PLL device
that supports dual modulus control. Application note AN535 decribes using a two-
modulus prescaler technique.By using
prescaler higher frequencies can be achieve
than by a single CMOS PLL device.
ML12034
Figure 7. Generic block diagram showing prescaler connection to
PLL device
VCO
Loop Filter
Prescaler
PLL
ML145146
ML145158
ML145159
Fout
Fin
MC
MC in


Similar Part No. - ML12034

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12034 LANSDALE-ML12034 Datasheet
550Kb / 5P
   2.0 GHz Dual Modulus Prescaler
ML12034-5P LANSDALE-ML12034-5P Datasheet
550Kb / 5P
   2.0 GHz Dual Modulus Prescaler
ML12034AD LANSDALE-ML12034AD Datasheet
550Kb / 5P
   2.0 GHz Dual Modulus Prescaler
ML12034AP LANSDALE-ML12034AP Datasheet
550Kb / 5P
   2.0 GHz Dual Modulus Prescaler
ML12034PP LANSDALE-ML12034PP Datasheet
550Kb / 5P
   2.0 GHz Dual Modulus Prescaler
More results

Similar Description - ML12034

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12034 LANSDALE-ML12034_08 Datasheet
550Kb / 5P
   2.0 GHz Dual Modulus Prescaler
logo
OKI electronic componet...
KGL2132 OKI-KGL2132 Datasheet
45Kb / 3P
   2.0 GHz Two-Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12054A LANSDALE-ML12054A_08 Datasheet
94Kb / 4P
   2.0 GHz Super Low Power Dual Modulus Prescaler
ML12054A LANSDALE-ML12054A Datasheet
262Kb / 4P
   2.0 GHz Super Low Power Dual Modulus Prescaler
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12026A ONSEMI-MC12026A Datasheet
50Kb / 8P
   1.1 GHz Dual Modulus Prescaler
November, 2001 ??Rev. 7
MC12026A ONSEMI-MC12026A_16 Datasheet
141Kb / 6P
   1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
logo
LANSDALE Semiconductor ...
ML12015 LANSDALE-ML12015 Datasheet
310Kb / 4P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12009 MOTOROLA-MC12009 Datasheet
214Kb / 15P
   Dual Modulus Prescaler
logo
Freescale Semiconductor...
MC12019 FREESCALE-MC12019 Datasheet
237Kb / 3P
   Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com