Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC12015D Datasheet(PDF) 3 Page - LANSDALE Semiconductor Inc.

Part # MC12015D
Description  Dual Modulus Prescaler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC12015D Datasheet(HTML) 3 Page - LANSDALE Semiconductor Inc.

  MC12015D Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC12015D Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC12015D Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC12015D Datasheet HTML 4Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LANSDALE Semiconductor, Inc.
ML12015, ML12016, ML12017
www.lansdale.com
Page 3 of 4
Issue A
Figure 1. shows a generic block diagram for connecting a prescaler to a PLL device
that supports dual modulus control. Application note AN535 decribes using a two-
modulus prescaler technique.By using
prescaler higher frequencies can be achieve
than by a single CMOS PLL device.
ML12015/16
/17
Figure 1. Generic block diagram showing prescaler connection to
PLL device
VCO
Loop Filter
Prescaler
PLL
ML145146
ML145158
ML145159
Fout
Fin
MC
MC in


Similar Part No. - MC12015D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12015D MOTOROLA-MC12015D Datasheet
539Kb / 7P
   DUAL 6-4 INPUT PARITY CHECKER
logo
LANSDALE Semiconductor ...
MC12015D LANSDALE-MC12015D Datasheet
135Kb / 4P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12015D MOTOROLA-MC12015D Datasheet
535Kb / 7P
   DUAL 5-BIT PARITY CHECKER
MC12015D MOTOROLA-MC12015D Datasheet
505Kb / 7P
   TRIPLE 2-INPUT EXCLUSIVE-NOR GATE
MC12015D MOTOROLA-MC12015D Datasheet
500Kb / 7P
   DUAL 4-5-INPUT OR/NOR GATE
More results

Similar Description - MC12015D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12009 MOTOROLA-MC12009 Datasheet
214Kb / 15P
   Dual Modulus Prescaler
logo
Freescale Semiconductor...
MC12019 FREESCALE-MC12019 Datasheet
237Kb / 3P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12015 MOTOROLA-MC12015 Datasheet
240Kb / 3P
   Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12019 LANSDALE-ML12019 Datasheet
958Kb / 4P
   Dual Modulus Prescaler
ML12019 LANSDALE-ML12019_08 Datasheet
171Kb / 4P
   Dual Modulus Prescaler
ML12015 LANSDALE-ML12015_08 Datasheet
135Kb / 4P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12018 MOTOROLA-MC12018 Datasheet
53Kb / 4P
   520MHz Dual Modulus Prescaler
MC12022A MOTOROLA-MC12022A Datasheet
74Kb / 8P
   1.1GHz Dual Modulus Prescaler
MC12026A MOTOROLA-MC12026A Datasheet
66Kb / 6P
   1.1GHz Dual Modulus Prescaler
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com