Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML12052 Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML12052
Description  1.1 GHz Super Low Power Dual Modulus Prescaler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12052 Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML12052 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12052 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12052 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12052 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12052 Datasheet HTML 5Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.lansdale.com
Page 2 of 5
Issue A
LANSDALE Semiconductor, Inc.
ML12052
ELECTRICAL CHARACTERISTICS (VCC = 2.7 to 5.5 VDC, TA = –40 to 85°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Toggle Frequency (Sine Wave Input)
ft
0.1
1.4
1.1
GHz
Supply Current (Pin 2)
ICC
1.0
2.0
mA
Modulus Control Input High (MC)
VIH1
2.0
VCC + 0.5 V
V
Modulus Control Input Low (MC)
VIL1
Gnd
0.8
V
Divide Ratio Control Input High (SW)
VIH2
VCC – 0.5 V
VCC
VCC + 0.5 V
VDC
Divide Ratio Control Input Low (SW)
VIL2
Open
Open
Open
Output Voltage Swing (Note 2)
(CL = 8.0 pF, RL = 3.3 kΩ)
Vout
0.8
1.1
VPP
Modulus Setup Time MC to Out @ 1100 MHz
tset
11
16
ns
Input Voltage Sensitivity 250–1100 MHz
100–250 MHz
Vin
100
400
1000
1000
mVPP
Output Current (Note 1)
VCC = 2.7 V, CL = 8.0 pF, RL = 3.3 kΩ
VCC = 5.0 V, CL = 8.0 pF, RL = 7.2 kΩ
IO
0.5
0.5
3.0
3.0
mA
NOTES: 1. Divide ratio of
÷64/65 @ 1.1 GHz
2. Valid over voltage range 2.7 to 5.5 V; RL = 3.3 kΩ @ VCC = 2.7 V; RL = 7.2 kΩ @ VCC = 5.0 V
Figure 1. Logic Diagram (ML12052)
A
H
G
F
E
D
In
MC
In
SW
Out
Q
S
Q
C
QB
D
Q
C
QB
D
QB
C
Q
D
C
QB
D
QB
C
Q
D
QB
C
Q
D
B
QB
C
Q
D
C
QB
C
Q
D
M
Figure 2. Modulus Setup Time
Modulus setup time MC to out is the MC
setup or MC release plus the prop delay.
Prop. Delay
In
Out
MC
MC Setup
MC Release
Figure 3. AC Test Circuit
EXTERNAL COMPONENTS
C1 = C2 = 1000 pF
C3 = 0.1
µF
CL = 8.0pF (Including Scope
and jig capacitance)
RL = 3.3 kΩ @ VCC = 2.7 V
RL = 7.2 kΩ @ VCC = 5.0 V
CL
MC Input
C2
C1
C3
VCC = 2.7 to 5.5 V
50
Sine Wave Generator
SW
VCC
OUT
GND
MC
IN
IN
RL


Similar Part No. - ML12052

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12052 LANSDALE-ML12052 Datasheet
106Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
ML12052-5P LANSDALE-ML12052-5P Datasheet
106Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
ML12052 LANSDALE-ML12052_08 Datasheet
106Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
More results

Similar Description - ML12052

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12052 LANSDALE-ML12052_08 Datasheet
106Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12052A MOTOROLA-MC12052A Datasheet
252Kb / 4P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12038 LANSDALE-ML12038 Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
ML12038 LANSDALE-ML12038_08 Datasheet
464Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12058 MOTOROLA-MC12058 Datasheet
260Kb / 6P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12026A ONSEMI-MC12026A Datasheet
50Kb / 8P
   1.1 GHz Dual Modulus Prescaler
November, 2001 ??Rev. 7
MC12026A ONSEMI-MC12026A_16 Datasheet
141Kb / 6P
   1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
logo
Motorola, Inc
MC12053A MOTOROLA-MC12053A Datasheet
252Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler With Stand-By Mode
logo
LANSDALE Semiconductor ...
ML12054A LANSDALE-ML12054A_08 Datasheet
94Kb / 4P
   2.0 GHz Super Low Power Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com